Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CopperWire Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # CopperWire
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CopperWire Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button CopperWire Datasheet HTML 2Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 3Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 4Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 5Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 6Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 7Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 8Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 9Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6VP2600HR6
TYPICAL CHARACTERISTICS — TWO--TONE
Figure 10. Intermodulation Distortion
Products versus Output Power
--70
--20
10
7th Order
Pout, OUTPUT POWER (WATTS) PEP
VDD =50 Vdc,IDQ = 2600 mA, f1 = 222 MHz
f2 = 228 MHz, Two--Tone Measurements
3rd Order
--30
--40
--50
100
700
--60
5th Order
5
Figure 11. Intermodulation Distortion
Products versus Tone Spacing
10
--10
0.1
7th Order
TWO--TONE SPACING (MHz)
5th Order
3rd Order
--30
--40
--50
140
Figure 12. Two--Tone Power Gain versus
Output Power
23.5
26
20
IDQ = 2600 mA
Pout, OUTPUT POWER (WATTS) PEP
25.5
24
100
700
25
24.5
2300 mA
VDD = 50 Vdc, f1 = 222 MHz, f2 = 228 MHz
Two--Tone Measurements, 6 MHz Tone Spacing
Figure 13. Third Order Intermodulation
Distortion versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
100
--25
--30
--40
--45
--50
--20
VDD = 50 Vdc, f1 = 222 MHz, f2 = 228 MHz
Two--Tone Measurements, 6 MHz Tone Spacing
700
20
--60
--20
VDD =50 Vdc,Pout = 500 W (PEP), IDQ = 2600 mA
Two--Tone Measurements
2000 mA
1800 mA
1300 mA
IDQ = 1300 mA
2600 mA
1800 mA
2300 mA
2000 mA
--35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com