Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CopperWire Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # CopperWire
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CopperWire Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button CopperWire Datasheet HTML 10Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 11Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 12Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 13Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 14Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 15Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 16Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 17Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
RF Device Data
Freescale Semiconductor
MRF6VP2600HR6
TYPICAL CHARACTERISTICS — 352.2 MHz
ηD
Gps
VDD =50 Vdc
IDQ = 150 mA
f = 352.2 MHz
23
10
0
80
100
21
19
17
70
60
50
40
30
Pout, OUTPUT POWER (WATTS) CW
Figure 26. CW Power Gain and Drain Efficiency
versus Output Power
20
18
15
1000
20
22
16
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com