Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2556IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPWR
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2556IPWR Datasheet HTML 3Page - Texas Instruments TLV2556IPWR Datasheet HTML 4Page - Texas Instruments TLV2556IPWR Datasheet HTML 5Page - Texas Instruments TLV2556IPWR Datasheet HTML 6Page - Texas Instruments TLV2556IPWR Datasheet HTML 7Page - Texas Instruments TLV2556IPWR Datasheet HTML 8Page - Texas Instruments TLV2556IPWR Datasheet HTML 9Page - Texas Instruments TLV2556IPWR Datasheet HTML 10Page - Texas Instruments TLV2556IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
7
www.ti.com
operating characteristics over recommended operating free-air temperature range, VREF+ = 5 V,
SCLK frequency = 15 MHz when VCC = 5 V, VREF+ =2.5 V, SCLK frequency = 10 MHz when VCC = 2.7 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
INL
Integral nonlinearity error (see Note 3)
–1
1
LSB
DNL
Differential nonlinearity error
–1
1
LSB
EO
Offset error (see Note 4)
See Note 2
–2
2
mV
EG
Gain error (see Note 4)
See Note 2
–3
3
mV
ET
Total unadjusted error (see Note 5)
±1.5
LSB
Address data input = 1011
2048
Self-test output code (see Table 2 and Note 6)
Address data input = 1100
0
Self test out ut code (see Table 2 and Note 6)
Address data input = 1101
4095
† All typical values are at TA = 25°C.
NOTES:
2. Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than
the voltage applied to REF– convert as all zeros (000000000000).
3. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
4. Gain error is the difference between the actual midstep value and the nominal midstep value in the transfer diagram at the specified
gain point after the offset error has been adjusted to zero. Offset error is the difference between the actual midstep value and the
nominal midstep value at the offset point.
5. Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
6. Both the input address and the output codes are expressed in positive logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com