Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2556IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPWR
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLV2556IPWR Datasheet HTML 1Page - Texas Instruments TLV2556IPWR Datasheet HTML 2Page - Texas Instruments TLV2556IPWR Datasheet HTML 3Page - Texas Instruments TLV2556IPWR Datasheet HTML 4Page - Texas Instruments TLV2556IPWR Datasheet HTML 5Page - Texas Instruments TLV2556IPWR Datasheet HTML 6Page - Texas Instruments TLV2556IPWR Datasheet HTML 7Page - Texas Instruments TLV2556IPWR Datasheet HTML 8Page - Texas Instruments TLV2556IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
3
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN0 – AIN10
1 – 9,
11, 12
I
Analog input. These 11 analog-signal inputs are internally multiplexed.
CS
15
I
Chip select. A high-to-low transition on CS resets the internal counters and controls and enables DATA OUT,
DATA IN, and I/O CLOCK. A low-to-high transition disables DATA IN and I/O CLOCK within a setup time.
DATA IN
17
I
Serial data input. The 4-bit serial data can be used as address selects the desired analog input channel or
test voltage to be converted next, or a command to activate other other features. The input data is presented
with the MSB (D7) first and is shifted in on the first four rising edges of the I/O CLOCK. After the four
address/command bits are read into the command register CMR, I/O CLOCK clocks the remaining four bits
of configuration in.
DATA OUT
16
O
The 3-state serial output for the A/D conversion result. DATA OUT is in the high-impedance state when CS
is high and active when CS is low. With a valid CS, DATA OUT is removed from the high-impedance state
and is driven to the logic level corresponding to the MSB(most significant bit)/LSB(least significant bit) value
of the previous conversion result. The next falling edge of I/O CLOCK drives DATA OUT to the logic level
corresponding to the next MSB/LSB, and the remaining bits are shifted out in order.
INT/EOC
19
O
Status output, used to indicate the end of conversion (EOC) or an interrupt (INT) to host processor.
Programmed as INT (interrupt): INT goes from a high to a low logic level after the conversion is complete and
the data is ready for transfer. INT is cleared by a rising I/O CLOCK transition.
Programmed as EOC: EOC goes from a high to a low logic level after the falling edge of the last I/O CLOCK
and remains low until the conversion is complete and the data is ready for transfer.
GND
10
Ground. GND is the ground return terminal for the internal circuitry. Unless otherwise noted, all voltage
measurements are with respect to GND.
I/O CLOCK
18
I
Input /output clock. I/O CLOCK receives the serial input and performs the following four functions:
1. It clocks the eight input data bits into the input data register on the first eight rising edges of I/O CLOCK
with the multiplexer address available after the fourth rising edge.
2. On the fourth falling edge of I/O CLOCK, the analog input voltage on the selected multiplexer input
begins charging the capacitor array and continues to do so until the last falling edge of I/O CLOCK.
3. The remaining 11 bits of the previous conversion data are shifted out on DATA OUT. Data changes on the
falling edge of I/O CLOCK.
4. Control of the conversion is transferred to the internal state controller on the falling edge of the last
I/O CLOCK.
REF +
14
I/O
Positive reference voltage The upper reference voltage value (nominally VCC) is applied to REF+. The
maximum analog input voltage range is determined by the difference between the voltage applied to terminals
REF+ and REF–.
When the internal reference is used it is capable of driving a 10-k
Ω, 10-pF load.
REF –
13
I/O
Negative reference voltage. The lower reference voltage value (nominally ground) is applied to REF–. This
pin is connected to analog ground (GND of the ADC) when the internal reference is used.
VCC
20
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com