Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
reset timing
RESET is an asynchronous input that can be asserted at any time during a clock cycle. If the specified timings
are met, the exact sequence shown in Figure 28 occurs; otherwise, an additional delay of one clock cycle is
possible.
The asynchronous reset signals include XF0/1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.
Resetting the device initializes the bus control register to seven software wait states and therefore results in slow
external accesses until these registers are initialized.
HOLD is a synchronous input that can be asserted during reset. It can take nine CPU cycles before HOLDA
is granted.
The following tables define the timing parameters for the RESET signal.
timing requirements for RESET (see Figure 28)
VC33-120
VC33-150
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(RESET-EXTCLKL)
Setup time, RESET before EXTCLK low
6
P--7†
5
P--7
ns
tsu(RESETH-H1L)
Setup time, RESET high before H1 low and after ten H1 clock cycles
6
5
ns
† P=tc(EXTCLK)
switching characteristics over recommended operating conditions for RESET (see Figure 28)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
td(EXTCLKH-H1H)
Delay time, EXTCLK high to H1 high
2
7
2
7
ns
td(EXTCLKH-H1L)
Delay time, EXTCLK high to H1 low
2
7
2
7
ns
td(EXTCLKH-H3L)
Delay time, EXTCLK high to H3 low
2
7
2
7
ns
td(EXTCLKH-H3H)
Delay time, EXTCLK high to H3 high
2
7
2
7
ns
tdis(H1H-DZ)
Disable time, data (high impedance) from H1 high‡
7
6
ns
tdis(H3H-AZ)
Disable time, address (high impedance) from H3 high
7
6
ns
td(H3H-CONTROLH)
Delay time, H3 high to control signals high
4
3
ns
td(H1H-RWH)
Delay time, H1 high to R/W high
4
3
ns
td(H1H-IACKH)
Delay time, H1 high to IACK high
4
3
ns
tdis(RESETL-ASYNCH)
Disable time, asynchronous reset signals disabled (high impedance)
from RESET low§
7
6
ns
‡ High impedance for Dbus is limited to nominal bus keeper ZOUT =15kΩ.
§ Asynchronous reset signals include XF0/1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com