Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
bootloader operation (continued)
Table 5. INT0 -- INT3 Sources
ACTIVE INTERRUPT
ADDRESS/SOURCE WHERE BOOT DATA IS
READ FROM
DATA FORMAT
INT0
0x001000
8, 16, or 32-bit width
INT1|
0x400000
8, 16, or 32-bit width
INT2
0xFFF000
8, 16, or 32-bit width
INT3
Serial Port
32-bit, external clock, and frame synch
When MCBL/MP = 1, the reset and interrupt vectors are hard-coded within the internal ROM. Since this is a
read-only device, these vectors cannot be modified. To enable user-defined interrupt routines, the internal
vectors contain fixed values that point to an internal section of SRAM beginning at 0x809FC1. Code execution
begins at these locations so it is important to place branch instructions (to the interrupt routine) at these locations
and not vectors.
The bootloader program requires a small stack space for calls and returns. Two SRAM locations at 0x809800
and 0x809801 are used for this stack. Data should not be boot loaded into these locations as this will corrupt
the bootloader program run-time stack. After the boot-load operation is complete, a program can reclaim these
locations. The simplest solution is to begin a program’s stack or uninitialized data section at 0x809800.
For additional detail on bootloader operation including the bootloader source code, see the TMS320C3x User’s
Guide (literature number SPRU031).
A bit I/O line or external logic can be used to safely disable the MCBL mode after bootloading is complete.
However, to ensure proper operation, the CPU should not be currently executing code or using external data
as the change takes place. In the following example, the XF0 pin is 3-state on reset, which allows the pullup
resistor to place the DSP in MCBL mode. The following code, placed at the beginning of an application then
causes the XF0 pin to become an active-logic-low output, changing the DSP mode to MP. The cache-enable
and RPTS instructions are used since they cause the LDI instruction to be executed multiple times even though
it has been fetched only once (before the mode change). In other words, the RPTS instruction acts as a
one-level-deep program cache for externally executed code. If the application code is to be executed from
internal RAM, no special provisions are needed.
LDI
8000h,ST
; Enable the cache
RPTS
4
; RPTS fetchs the following opcode 1 time
LDI
2h, IOF
; Drive MCBL/MP=0 for several cycles allowing
; the pipeline to clear
TMS320VC33
RPU
RESET
XF0
MCBL/MP
DVDD
RESET
Figure 10. Changing Bootload Select Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com