Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1A152S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFK1A152S
Description  Aluminum Electrolytic Capacitors/ FK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1A152S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFK1A152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours)
(mm)
(mm)
(mm)
(pcs)
(pcs)
16
390
8
11.5
630
0.090
3000
0.6
3.5
5.0
EEUFK1C391( )
200
1000
680
8
15
860
0.062
3000
0.6
3.5
5.0
EEUFK1C681L( )
200
1000
10
12.5
900
0.063
4000
0.6
5.0
5.0
EEUFK1C681( )
200
500
820
8
20
1220
0.044
3000
0.6
3.5
5.0
EEUFK1C821L( )
200
1000
1000
10
16
1240
0.049
4000
0.6
5.0
5.0
EEUFK1C102( )
200
500
1200
10
20
1490
0.035
4000
0.6
5.0
5.0
EEUFK1C122( )
200
500
12.5
15
1400
0.048
5000
0.6
5.0
5.0
EEUFK1C122S( )
200
500
1500
10
25
1680
0.033
4000
0.6
5.0
5.0
EEUFK1C152L( )
200
500
2200
10
30
2140
0.025
4000
0.6
5.0
EEUFK1C222L
100
12.5
20
1890
0.029
5000
0.6
5.0
5.0
EEUFK1C222( )
200
500
16
15
1800
0.038
5000
0.8
7.5
7.5
EEUFK1C222S( )
100
250
2700
12.5
25
2280
0.022
5000
0.6
5.0
5.0
EEUFK1C272( )
200
500
18
15
2060
0.036
5000
0.8
7.5
7.5
EEUFK1C272S( )
100
250
3300
12.5
30
2720
0.018
5000
0.8
5.0
EEUFK1C332L
100
3900
12.5
35
2940
0.016
5000
0.8
5.0
EEUFK1C392L
100
16
20
2330
0.026
5000
0.8
7.5
7.5
EEUFK1C392S( )
100
250
4700
12.5
40
3010
0.014
5000
0.8
5.0
EEUFK1C472L
100
18
20
2640
0.025
5000
0.8
7.5
7.5
EEUFK1C472S( )
100
250
5600
16
25
2760
0.019
5000
0.8
7.5
7.5
EEUFK1C562( )
100
250
6800
18
25
2850
0.018
5000
0.8
7.5
7.5
EEUFK1C682S( )
100
250
25
270
8
11.5
630
0.090
3000
0.6
3.5
5.0
EEUFK1E271( )
200
1000
390
8
15
860
0.062
3000
0.6
3.5
5.0
EEUFK1E391L( )
200
1000
470
10
12.5
900
0.063
4000
0.6
5.0
5.0
EEUFK1E471( )
200
500
560
8
20
1220
0.044
3000
0.6
3.5
5.0
EEUFK1E561L( )
200
1000
10
16
1240
0.049
4000
0.6
5.0
5.0
EEUFK1E561( )
200
500
820
10
20
1490
0.035
4000
0.6
5.0
5.0
EEUFK1E821( )
200
500
12.5
15
1400
0.048
5000
0.6
5.0
5.0
EEUFK1E821S( )
200
500
1000
10
25
1680
0.033
4000
0.6
5.0
5.0
EEUFK1E102L( )
200
500
1200
12.5
20
1890
0.029
5000
0.6
5.0
5.0
EEUFK1E122( )
200
500
1500
10
30
2140
0.025
4000
0.6
5.0
EEUFK1E152L
100
16
15
1800
0.038
5000
0.8
7.5
7.5
EEUFK1E152S( )
100
250
1800
12.5
25
2280
0.022
5000
0.6
5.0
5.0
EEUFK1E182( )
200
500
18
15
2060
0.036
5000
0.8
7.5
7.5
EEUFK1E182S( )
100
250
2200
12.5
30
2720
0.018
5000
0.8
5.0
EEUFK1E222L
100
16
20
2330
0.026
5000
0.8
7.5
7.5
EEUFK1E222S( )
100
250
2700
12.5
35
2940
0.016
5000
0.8
5.0
EEUFK1E272L
100
3300
12.5
40
3010
0.014
5000
0.8
5.0
EEUFK1E332L
100
16
25
2760
0.019
5000
0.8
7.5
7.5
EEUFK1E332( )
100
250
18
20
2640
0.025
5000
0.8
7.5
7.5
EEUFK1E332S( )
100
250
4700
18
25
2850
0.018
5000
0.8
7.5
7.5
EEUFK1E472S( )
100
250
Endurance : 105 °C
φ8=3000 h, φ10=4000 h, φ12.5 to φ18=5000 h
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Jul. 2008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com