Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1A152S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFK1A152S
Description  Aluminum Electrolytic Capacitors/ FK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1A152S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFK1A152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1A152S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
φ10<
φd±0.05
Sleeve
14 min.
3 min.
L✽
✽ L<16:L±1.5
L
>20:L
±2.0
Pressure relief
+
–
φ8
φD±0.5
φD±0.5
■ Features
● Low impedance (10 % to 30 % less than FC Series)
Miniaturization (30 % to 40 % less than FC Series)
● Endurance : 3000 h to 5000 h at +105 °C
● RoHS directive compliant
Radial Lead Type
Series:
FK
Type:
A
■ Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 35 V.DC
Nominal Cap. Range
180 µF to 12000 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (µA) After 2 minutes
tan
δ
W.V.
6.3
10
16
25
35
tan
δ
0.22
0.19
0.16
0.14
0.12
(120 Hz/+20 °C)
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage), when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified bellow.
Duration :
φ8: 3000 hours , φ10: 4000 hours , φ12.5 to φ18: 5000 hours
Capacitance change
±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
■ Dimensions in mm (not to scale)
W.V.(V.DC)
Cap (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 35
180
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
12000
0.75
0.80
0.95
1.00
1.00
■ Frequency correction factor for ripple current
Body Dia.
φD8
10
12.5
16
18
Body Length L
—
—
12.5 to 25
30 to 40
—
—
Lead Dia.
φd0.6
0.6
0.6
0.8
0.8
0.8
Lead space F
3.5
5.0
5.0
5.0
7.5
7.5
(mm)
[mm]
May. 2008


Similar Part No. - EEUFK1A152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFK1A152S PANASONIC-EEUFK1A152S Datasheet
89Kb / 5P
Aluminum Electrolytic Capacitors
EEUFK1A152S PANASONIC-EEUFK1A152S Datasheet
634Kb / 12P
Aluminum Electrolytic Capacitors
More results

Similar Description - EEUFK1A152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J470P PANASONIC-EEE-FK1J470P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com