Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 92 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 88Page - Texas Instruments AM3703CUS Datasheet HTML 89Page - Texas Instruments AM3703CUS Datasheet HTML 90Page - Texas Instruments AM3703CUS Datasheet HTML 91Page - Texas Instruments AM3703CUS Datasheet HTML 92Page - Texas Instruments AM3703CUS Datasheet HTML 93Page - Texas Instruments AM3703CUS Datasheet HTML 94Page - Texas Instruments AM3703CUS Datasheet HTML 95Page - Texas Instruments AM3703CUS Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
2.5
Signal Description
Many signals are available on multiple pins according to the software configuration of the pin multiplexing
options.
1. SIGNAL NAME: The signal name
2. DESCRIPTION: Description of the signal
3. TYPE: Type = Ball type for this specific function:
– I = Input
– O = Output
– Z = High-impedance
– D = Open Drain
– DS = Differential
– A = Analog
4. BALL BOTTOM: Associated ball(s) bottom
5. BALL TOP: Associated ball(s) top
6. SUBSYSTEM PIN MULTIPLEXING: Contains a list of the pin multiplexing options at the
module/subsystem level. The pin function is selected at the module/system level.
Note: The Subsystem Multiplexing Signals are not described in the following tables. For more
information, see the System Control Module / System Control Module Functional Description / Pad
Functional Multiplexing and Configuration section of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
2.5.1
External Memory Interfaces
NOTE
For more information, see Memory Subsystem / General-Purpose Memory Controller /
GPMC Environment section of the AM/DM37x Multimedia Device Technical Reference
Manual (literature number SPRUGN4).
Table 2-5. External Memory Interfaces
– GPMC Signals Description(1)
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL
BALL
BALL BOTTOM
BALL TOP
BALL
SUBSYSTEM
[1]
[3]
BOTTOM
TOP
(CBC Pkg.) [4]
(CBC Pkg.) [5]
BOTTOM
PIN
(CBP
(CBP
(CUS
MULTIPLEXING
Pkg.) [4]
Pkg.) [5]
Pkg.) [4]
[6]
gpmc_a1
GPMC output address bit 1 /
O
N4 / K1
AC15 / M2
J2 / AA2
NA / U2
K4 / L2
- / gpmc_d0
extended multiplexed address
gpmc_a17
gpmc_a2
GPMC output address bit 2 /
O
M4 / L1
AB15 / M1
H1 / AA1
NA / U1
K3 / M1
- / gpmc_d1
extended multiplexed address
gpmc_a18
gpmc_a3
GPMC output address bit 3 /
O
L4 / L2
AC16 / N2
H2 / AC2
NA / V2
K2 / M2
- / gpmc_d2
extended multiplexed address
gpmc_a19
gpmc_a4
GPMC output address bit 4 /
O
K4 / P2
AB16 / N1
G2 / AC1
NA / V1
J4 / N2
- / gpmc_d3
extended multiplexed address
gpmc_a20
gpmc_a5
GPMC output address bit 5 /
O
T3 / T1
AC17 / R2
F1 / AE5
NA / AA3
J3 / M3
- / gpmc_d4
extended multiplexed address
gpmc_a21
gpmc_a6
GPMC output address bit 6 /
O
R3 / V1
AB17 / R1
F2 / AD6
NA / AA4
J2/ P1
- / gpmc_d5
extended multiplexed address
gpmc_a22
gpmc_a7
GPMC output address bit 7 /
O
N3 / V2
AC18 / T2
E1 / AD5
NA / Y3
J1/ P2
- / gpmc_d6
extended multiplexed address
gpmc_a23
gpmc_a8
GPMC output address bit 8 /
O
M3 / W2
AB18 / T1
E2 / AC5
NA / Y4
H1/ R1
- / gpmc_d7
extended multiplexed address
gpmc_a24
92
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com