Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 100 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 96Page - Texas Instruments AM3703CUS Datasheet HTML 97Page - Texas Instruments AM3703CUS Datasheet HTML 98Page - Texas Instruments AM3703CUS Datasheet HTML 99Page - Texas Instruments AM3703CUS Datasheet HTML 100Page - Texas Instruments AM3703CUS Datasheet HTML 101Page - Texas Instruments AM3703CUS Datasheet HTML 102Page - Texas Instruments AM3703CUS Datasheet HTML 103Page - Texas Instruments AM3703CUS Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
2.5.3
Serial Communication Interfaces
For more information, see HDQ/1-Wire / HDQ/1-Wire Environment section of the AM/DM37x Multimedia
Device Technical Reference Manual (literature number SPRUGN4).
Table 2-11. Serial Communication Interfaces
– HDQ/1-Wire Signals Description
SIGNAL
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
NAME [1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
hdq_sio
Bidirectional HDQ 1-Wire control and data
IOD
J25
J23
A24
Interface. Output is open drain.
For more information, see Multimaster High-Speed I2C Controller / HS I2C Environment section of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-12. Serial Communication Interfaces
– I2C Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
INTER-INTEGRATED CIRCUIT INTERFACE (I2C1)
i2c1_scl
OD
K21
J25
K20
I2C Master Serial clock. Output is open
drain.
i2c1_sda
IOD
J21
J24
K21
I2C Serial Bidirectional Data. Output is
open drain.
INTER-INTEGRATED CIRCUIT INTERFACE (I2C3)
i2c3_scl
OD
AF14
AB4
AC13
I2C Master Serial clock. Output is open
drain.
i2c3_sda
IOD
AG14
AC4
AC12
I2C Serial Bidirectional Data. Output is
open drain.
i2c3_sccbe
Serial Camera Control Bus Enable
OD
J25
J23
A24
INTER-INTEGRATED CIRCUIT INTERFACE (I2C2)
i2c2_scl
OD
AF15
C2
AC15
I2C Master Serial clock. Output is open
drain.
i2c2_sda
IOD
AE15
C1
AC14
I2C Serial Bidirectional Data. Output is
open drain.
i2c2_sccbe
Serial Camera Control Bus Enable
OD
J25
J23
A24
For more information, see Power Reset and Clock Management / PRCM Introduction to Power
Management / SmartReflex Voltage-Control Overview section of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
Table 2-13. Serial Communication Interfaces
– SmartReflex Signals Description(1)
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
INTER-INTEGRATED CIRCUIT INTERFACE (I2C4)
i2c4_scl
OD
AD26
AD15
Y16
I2C Master Serial clock. Output is open
drain.
i2c4_sda
IOD
AE26
W16
Y15
I2C Serial Bidirectional Data. Output is
open drain.
(1) For more information on SmartReflex voltage control, see the PRCM chapter of the AM/DM37x Multimedia Device Technical Reference
Manual (literature number SPRUGN4).
For more information, see Multi-Channel Buffered Serial Port / McBSP Environment section of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-14. Serial Communication Interfaces
– McBSP LP Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
MULTICHANNEL SERIAL (McBSP LP 1)
100
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com