Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 99Page - Texas Instruments AM3703CUS Datasheet HTML 100Page - Texas Instruments AM3703CUS Datasheet HTML 101Page - Texas Instruments AM3703CUS Datasheet HTML 102Page - Texas Instruments AM3703CUS Datasheet HTML 103Page - Texas Instruments AM3703CUS Datasheet HTML 104Page - Texas Instruments AM3703CUS Datasheet HTML 105Page - Texas Instruments AM3703CUS Datasheet HTML 106Page - Texas Instruments AM3703CUS Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-17. Serial Communication Interfaces
– USB Signals DescriptionSection 4.3.6 (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
[3]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
hsusb0_clk
Dedicated for external transceiver 60-MHz clock input to PHY
I
T28
W19
R21
hsusb0_stp
Dedicated for external transceiver Stop signal
O
T25
U20
R23
hsusb0_dir
Dedicated for external transceiver Data direction control from
I
R28
V19
P23
PHY
hsusb0_nxt
Dedicated for external transceiver Next signal from PHY
I
T26
W18
R22
hsusb0_data0
Dedicated for external transceiver Bidirectional data bus
IO
T27
V20
T24
hsusb0_data1
Dedicated for external transceiver Bidirectional data bus
IO
U28
Y20
T23
hsusb0_data2
Dedicated for external transceiver Bidirectional data bus
IO
U27
V18
U24
hsusb0_data3
Dedicated for external transceiver Bidirectional data bus
IO
U26
W20
U23
hsusb0_data4
Dedicated for external transceiver Bidirectional data bus
IO
U25
W17
W24
additional signals for 12-pin ULPI operation
hsusb0_data5
Dedicated for external transceiver Bidirectional data bus
IO
V28
Y18
V23
additional signals for 12-pin ULPI operation
hsusb0_data6
Dedicated for external transceiver Bidirectional data bus
IO
V27
Y19
W23
additional signals for 12-pin ULPI operation
hsusb0_data7
Dedicated for external transceiver Bidirectional data bus
IO
V26
Y17
T22
additional signals for 12-pin ULPI operation
MM_FSUSB3
mm3_rxdm
Vminus receive data (not used in 3- or 4-pin configurations)
IO
AE3
K3
NA
mm3_rxdp
Vplus receive data (not used in 3- or 4-pin configurations)
IO
AH3
M3
NA
mm3_rxrcv
Differential receiver signal input (not used in 3-pin mode)
IO
AD1
U4
NA
mm3_txse0
Single-ended zero. Used as VM in 4-pin VP_VM mode.
IO
AE1
V3
NA
mm3_txdat
USB data. Used as VP in 4-pin VP_VM mode.
IO
AD2
R3
NA
mm3_txen_n
Transmit enable
IO
AC1
T3
NA
MM_FSUSB2
mm2_rxdm
Vminus receive data (not used in 3- or 4-pin configurations)
IO
AH7
AF7
AD11
mm2_rxdp
Vplus receive data (not used in 3- or 4-pin configurations)
IO
AF7
AF6
AC9
mm2_rxrcv
Differential receiver signal input (not used in 3-pin mode)
IO
AG8
AF9
AC11
mm2_txse0
Single-ended zero. Used as VM in 4-pin VP_VM mode.
IO
AH8
AE9
AD12
mm2_txdat
USB data. Used as VP in 4-pin VP_VM mode.
IO
AB2
T8
R5
mm2_txen_n
Transmit enable
IO
V3
V9
M4
MM_FSUSB1
mm1_rxdm
Vminus receive data (not used in 3- or 4-pin configurations)
IO
AG9
V2
AD5
mm1_rxdp
Vplus receive data (not used in 3- or 4-pin configurations)
IO
AF10
AB2
AC1
mm1_rxrcv
Differential receiver signal input (not used in 3-pin mode)
IO
AF11
AC3
AD6
mm1_txse0
Single-ended zero. Used as VM in 4-pin VP_VM mode.
IO
AG12
AD4
AC6
mm1_txdat
USB data. Used as VP in 4-pin VP_VM mode.
IO
AH12
AD3
AC7
mm1_txen_n
Transmit enable
IO
AH14
AD2
AD9
HSUSB2
hsusb2_clk
Dedicated for external transceiver 60-MHz clock input to PHY
O
AE7
AE4
AC3
hsusb2_stp
Dedicated for external transceiver Stop signal
O
AF7
AF6
AC9
hsusb2_dir
Dedicated for external transceiver Data direction control from
I
AG7
AE6
AC10
PHY
hsusb2_nxt
Dedicated for external transceiver Next signal from PHY
I
AH7
AF7
AD11
hsusb2_data0
Dedicated for external transceiver Bidirectional data bus
IO
AG8
AF9
AC11
hsusb2_data1
Dedicated for external transceiver Bidirectional data bus
IO
AH8
AE9
AD12
hsusb2_data2
Dedicated for external transceiver Bidirectional data bus
IO
AB2
T8
R5
hsusb2_data3
Dedicated for external transceiver Bidirectional data bus
IO
V3
V9
M4
hsusb2_data4
Dedicated for external transceiver Bidirectional data bus
IO
Y2
W8
N4
additional signals for 12-pin ULPI operation
hsusb2_data5
Dedicated for external transceiver Bidirectional data bus
IO
Y3
U8
N3
additional signals for 12-pin ULPI operation
hsusb2_data6
Dedicated for external transceiver Bidirectional data bus
IO
Y4
V8
M5
additional signals for 12-pin ULPI operation
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
103
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com