Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 102Page - Texas Instruments AM3703CUS Datasheet HTML 103Page - Texas Instruments AM3703CUS Datasheet HTML 104Page - Texas Instruments AM3703CUS Datasheet HTML 105Page - Texas Instruments AM3703CUS Datasheet HTML 106Page - Texas Instruments AM3703CUS Datasheet HTML 107Page - Texas Instruments AM3703CUS Datasheet HTML 108Page - Texas Instruments AM3703CUS Datasheet HTML 109Page - Texas Instruments AM3703CUS Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
2.5.5
Test Interfaces
Table 2-19. Test Interfaces
– ETK Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
etk_ctl
ETK trace ctl
O
AE10
AB3
AD3
etk_clk
ETK trace clock
O
AF10
AB2
AC1
etk_d0
ETK data 0
O
AF11
AC3
AD6
etk_d1
ETK data 1
O
AG12
AD4
AC6
etk_d2
ETK data 2
O
AH12
AD3
AC7
etk_d3
ETK data 3
O
AE13
AA3
AD8
etk_d4
ETK data 4
O
AE11
Y3
AC5
etk_d5
ETK data 5
O
AH9
AB1
AD2
etk_d6
ETK data 6
O
AF13
AE3
AC8
etk_d7
ETK data 7
O
AH14
AD2
AD9
etk_d8
ETK data 8
O
AF9
AA4
AC4
etk_d9
ETK data 9
O
AG9
V2
AD5
etk_d10
ETK data 10
O
AE7
AE4
AC3
etk_d11
ETK data 11
O
AF7
AF6
AC9
etk_d12
ETK data 12
O
AG7
AE6
AC10
etk_d13
ETK data 13
O
AH7
AF7
AD11
etk_d14
ETK data 14
O
AG8
AF9
AC11
etk_d15
ETK data 15
O
AH8
AE9
AD12
Table 2-20. Test Interfaces
– JTAG Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
jtag_ntrst
Test Reset
I
AA17
U15
AB7
jtag_tck
Test Clock
I
AA13
V14
AB6
jtag_rtck
ARM Clock
O
AA12
W13
AA7
Emulation
jtag_tms_tmsc
Test Mode Select
IO
AA18
V15
AA9
jtag_tdi
Test Data Input
I
AA20
U16
AB10
jtag_tdo
Test Data Output
O
AA19
Y13
AB9
jtag_emu0
Test emulation 0
IO
AA11
Y15
AC24
jtag_emu1
Test emulation 1
IO
AA10
Y14
AD24
106
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com