Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 105Page - Texas Instruments AM3703CUS Datasheet HTML 106Page - Texas Instruments AM3703CUS Datasheet HTML 107Page - Texas Instruments AM3703CUS Datasheet HTML 108Page - Texas Instruments AM3703CUS Datasheet HTML 109Page - Texas Instruments AM3703CUS Datasheet HTML 110Page - Texas Instruments AM3703CUS Datasheet HTML 111Page - Texas Instruments AM3703CUS Datasheet HTML 112Page - Texas Instruments AM3703CUS Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-24. General-Purpose IOs Signals Description(1) (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
gpio_48
General-purpose IO 48
IO
R2
U1
T3
gpio_49
General-purpose IO 49
IO
T2
P1
U2
gpio_50
General-purpose IO 50
IO
W1
L2
V1
gpio_51
General-purpose IO 51
IO
Y1
M2
V2
gpio_52
General-purpose IO 52
IO
H3
AD1
NA
gpio_53
General-purpose IO 53
IO
V8
A3
NA
gpio_54
General-purpose IO 54
IO
U8
B6
D2
gpio_55
General-purpose IO 55
IO
T8
B4
F4
gpio_56
General-purpose IO 56
IO
R8
C4
G5
gpio_57
General-purpose IO 57
IO
P8
B5
F3
gpio_58
General-purpose IO 58
IO
N8
C5
G4
gpio_59
General-purpose IO 59
IO
T4
N1
W2
gpio_60
General-purpose IO 60
IO
G3
K2
K5
gpio_61
General-purpose IO 61
IO
U3
J1
L1
gpio_62
General-purpose IO 62
IO
H1
AC6
E1
gpio_63
General-purpose IO 63
IO
L8
AC8
NA
gpio_64
General-purpose IO 64
IO
K8
B3
NA
gpio_65
General-purpose IO 65
IO
J8
C6
C2
gpio_66
General-purpose IO 66
IO
D28
G25
G22
gpio_67
General-purpose IO 67
IO
D26
K24
E22
gpio_68
General-purpose IO 68
IO
D27
M25
F22
gpio_69
General-purpose IO 69
IO
E27
F26
J21
gpio_70
General-purpose IO 70
IO
AG22
AE21
AC19
gpio_71
General-purpose IO 71
IO
AH22
AE22
AB19
gpio_72
General-purpose IO 72
IO
AG23
AE23
AD20
gpio_73
General-purpose IO 73
IO
AH23
AE24
AC20
gpio_74
General-purpose IO 74
IO
AG24
AD23
AD21
gpio_75
General-purpose IO 75
IO
AH24
AD24
AC21
gpio_76
General-purpose IO 76
IO
E26
G26
D24
gpio_77
General-purpose IO 77
IO
F28
H25
E23
gpio_78
General-purpose IO 78
IO
F27
H26
E24
gpio_79
General-purpose IO 79
IO
G26
J26
F23
gpio_80
General-purpose IO 80
IO
AD28
AC26
AC22
gpio_81
General-purpose IO 81
IO
AD27
AD26
AC23
gpio_82
General-purpose IO 82
IO
AB28
AA25
AB22
gpio_83
General-purpose IO 83
IO
AB27
Y25
Y22
gpio_84
General-purpose IO 84
IO
AA28
AA26
W22
gpio_85
General-purpose IO 85
IO
AA27
AB26
V22
gpio_86
General-purpose IO 86
IO
G25
L25
J22
gpio_87
General-purpose IO 87
IO
H27
L26
G23
gpio_88
General-purpose IO 88
IO
H26
M24
G24
gpio_89
General-purpose IO 89
IO
H25
M26
H23
gpio_90
General-purpose IO 90
IO
E28
F25
D23
gpio_91
General-purpose IO 91
IO
J26
N24
K22
gpio_92
General-purpose IO 92
IO
AC27
AC25
V21
gpio_93
General-purpose IO 93
IO
AC28
AB25
W21
gpio_94
General-purpose IO 94
IO
A24
C23
A22
gpio_95
General-purpose IO 95
IO
A23
D23
E18
gpio_96
General-purpose IO 96
IO
C25
C25
B22
gpio_97
General-purpose IO 97
IO
C27
C26
J19
gpio_98
General-purpose IO 98
IO
C23
B23
H24
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
109
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com