Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 107Page - Texas Instruments AM3703CUS Datasheet HTML 108Page - Texas Instruments AM3703CUS Datasheet HTML 109Page - Texas Instruments AM3703CUS Datasheet HTML 110Page - Texas Instruments AM3703CUS Datasheet HTML 111Page - Texas Instruments AM3703CUS Datasheet HTML 112Page - Texas Instruments AM3703CUS Datasheet HTML 113Page - Texas Instruments AM3703CUS Datasheet HTML 114Page - Texas Instruments AM3703CUS Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-24. General-Purpose IOs Signals Description(1) (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
gpio_150
General-purpose IO 150
IO
W8
W2
AC2
gpio_151
General-purpose IO 151
IO
Y8
H3
V7
gpio_152
General-purpose IO 152
IO
AE1
V3
NA
gpio_153
General-purpose IO 153
IO
AD1
U4
NA
gpio_154
General-purpose IO 154
IO
AD2
R3
NA
gpio_155
General-purpose IO 155
IO
AC1
T3
NA
gpio_156
General-purpose IO 156
IO
Y21
U19
W19
gpio_157
General-purpose IO 157
IO
AA21
V17
AB20
gpio_158
General-purpose IO 158
IO
V21
U17
W18
gpio_159
General-purpose IO 159
IO
U21
T20
Y18
gpio_160
General-purpose IO 160
IO
T21
T19
AA18
gpio_161
General-purpose IO 161
IO
K26
P20
AA19
gpio_162
General-purpose IO 162
IO
W21
T17
V18
gpio_163
General-purpose IO 163
IO
H18
F23
A23
gpio_164
General-purpose IO 164
IO
H19
F24
B23
gpio_165
General-purpose IO 165
IO
H20
H24
B24
gpio_166
General-purpose IO 166
IO
H21
G24
C23
gpio_167
General-purpose IO 167
IO
B23
A23
F18
gpio_168
General-purpose IO 168
IO
AF15
C2
AC15
gpio_169
General-purpose IO 169
IO
U26
W20
U23
gpio_170
General-purpose IO 170
IO
J25
J23
A24
gpio_171
General-purpose IO 171
IO
AB3
P9
T5
gpio_172
General-purpose IO 172
IO
AB4
P8
R4
gpio_173
General-purpose IO 173
IO
AA4
P7
T4
gpio_174
General-purpose IO 174
IO
AC2
R7
T6
gpio_175
General-purpose IO 175
IO
AC3
R8
NA
gpio_176
General-purpose IO 176
IO
AB1
R9
NA
gpio_177
General-purpose IO 177
IO
AB2
T8
R5
gpio_178
General-purpose IO 178
IO
AA3
W7
N5
gpio_179
General-purpose IO 179
IO
Y2
W8
N4
gpio_180
General-purpose IO 180
IO
Y3
U8
N3
gpio_181
General-purpose IO 181
IO
Y4
V8
M5
gpio_182
General-purpose IO 182
IO
V3
V9
M4
gpio_183
General-purpose IO 183
IO
AE15
C1
AC14
gpio_184
General-purpose IO 184
IO
AF14
AB4
AC13
gpio_185
General-purpose IO 185
IO
AG14
AC4
AC12
gpio_186
General-purpose IO 186
IO
AE22
W11
AA6
gpio_188
General-purpose IO 188
IO
U25
W17
W24
gpio_189
General-purpose IO 189
IO
V28
Y18
V23
gpio_190
General-purpose IO 190
IO
V27
Y19
W23
gpio_191
General-purpose IO 191
IO
V26
Y17
T22
(1) NA in table stands for "Not Applicable".
(2) The subsystem pin multiplexing options are not described in Table 2-1 and Table 2-4.
(3) The usage of this GPIO is strongly restricted. For more information, see the General-Purpose Interface / General-Purpose Interface
Environment section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
111
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com