Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 106Page - Texas Instruments AM3703CUS Datasheet HTML 107Page - Texas Instruments AM3703CUS Datasheet HTML 108Page - Texas Instruments AM3703CUS Datasheet HTML 109Page - Texas Instruments AM3703CUS Datasheet HTML 110Page - Texas Instruments AM3703CUS Datasheet HTML 111Page - Texas Instruments AM3703CUS Datasheet HTML 112Page - Texas Instruments AM3703CUS Datasheet HTML 113Page - Texas Instruments AM3703CUS Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-24. General-Purpose IOs Signals Description(1) (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
gpio_99
General-purpose IO 99
I
AG17
AE16
AB18
gpio_100
General-purpose IO 100
I
AH17
AE15
AC18
gpio_101
General-purpose IO 101
IO
B24
A24
G19
gpio_102
General-purpose IO 102
IO
C24
B24
F19
gpio_103
General-purpose IO 103
IO
D24
D24
G20
gpio_104
General-purpose IO 104
IO
A25
C24
B21
gpio_105
General-purpose IO 105
I
K28
P25
L24
gpio_106
General-purpose IO 106
I
L28
P26
K24
gpio_107
General-purpose IO 107
I
K27
N25
J23
gpio_108
General-purpose IO 108
I
L27
N26
K23
gpio_109
General-purpose IO 109
IO
B25
D25
F21
gpio_110
General-purpose IO 110
IO
C26
E26
G21
gpio_111
General-purpose IO 111
IO
B26
E25
C22
gpio_112
General-purpose IO 112
I
AG19
AD17
NA
gpio_113
General-purpose IO 113
I
AH19
AD16
NA
gpio_114
General-purpose IO 114
I
AG18
AE18
NA
gpio_115
General-purpose IO 115
I
AH18
AE17
NA
gpio_116
General-purpose IO 116
IO
P21
U18
V20
gpio_117
General-purpose IO 117
IO
N21
R18
T21
gpio_118
General-purpose IO 118
IO
R21
T18
V19
gpio_119
General-purpose IO 119
IO
M21
R19
R20
gpio_120
General-purpose IO 120
IO
N28(3) / T28
W19 / N19(3)
M23(3) / R21
gpio_121
General-purpose IO 121
IO
M27(3) / T25
U20 / L18(3)
L23(3) / R23
gpio_122
General-purpose IO 122
IO
N27(3) / R28
V19 / M19(3)
M22(3) / P23
gpio_123
General-purpose IO 123
IO
N26(3)
M18(3)
M21(3)
gpio_124
General-purpose IO 124
IO
N25(3) / T26
W18 / K18(3)
M20(3)/R22
gpio_125
General-purpose IO 125
IO
P28(3) / T27
V20 / N20(3)
N23(3)/T24
gpio_126
General-purpose IO 126
IO
D25 / P27(3)
M20(3) / D26
J20 / N22(3)
gpio_127
General-purpose IO 127
IO
P26(3)
P17(3)
NA
gpio_128
General-purpose IO 128
IO
R27
P18
NA
gpio_129
General-purpose IO 129
IO
R25(3)
P19(3)
P24(3)
gpio_130
General-purpose IO 130
IO
AE2 / U28
Y20 / W10
Y1 / T23
gpio_131
General-purpose IO 131
IO
AG5 / U27
V18 / R10
AB5 / U24
gpio_132
General-purpose IO 132
IO
AH5
T10
AB3
gpio_133
General-purpose IO 133
IO
AH4
T9
Y3
gpio_134
General-purpose IO 134
IO
AG4
U10
W3
gpio_135
General-purpose IO 135
IO
AF4
U9
V3
gpio_136
General-purpose IO 136
IO
AE4
V10
AB2
gpio_137
General-purpose IO 137
IO
AH3
M3
AA2
gpio_138
General-purpose IO 138
IO
AF3
L3
Y2
gpio_139
General-purpose IO 139
IO
AE3
K3
AA1
gpio_140
General-purpose IO 140
IO
AF6
P3
V6
gpio_141
General-purpose IO 141
IO
AE6
N3
V5
gpio_142
General-purpose IO 142
IO
AF5
U3
W4
gpio_143
General-purpose IO 143
IO
AE5
W3
V4
gpio_144
General-purpose IO 144
IO
AB26
Y24
NA
gpio_145
General-purpose IO 145
IO
AB25
AA24
NA
gpio_146
General-purpose IO 146
IO
AA25
AD22
NA
gpio_147
General-purpose IO 147
IO
AD25
AD21
NA
gpio_148
General-purpose IO 148
IO
AA8
L4
W7
gpio_149
General-purpose IO 149
IO
AA9
R2
W6
110
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com