Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3703CUS Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CUS Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 98Page - Texas Instruments AM3703CUS Datasheet HTML 99Page - Texas Instruments AM3703CUS Datasheet HTML 100Page - Texas Instruments AM3703CUS Datasheet HTML 101Page - Texas Instruments AM3703CUS Datasheet HTML 102Page - Texas Instruments AM3703CUS Datasheet HTML 103Page - Texas Instruments AM3703CUS Datasheet HTML 104Page - Texas Instruments AM3703CUS Datasheet HTML 105Page - Texas Instruments AM3703CUS Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-15. Serial Communication Interfaces
– McSPI Signals Description(1) (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
mcspi2_cs1
SPI Enable 1, polarity configured by
O
V3
V9
M4
software
MULTICHANNEL SERIAL PORT INTERFACE (McSPI3)
mcspi3_clk
SPI Clock
IO
H26 / AE2 / AE13
W10 / M24 / AA3
G24 / Y1 / AD8
mcspi3_simo
Slave data in, master data out
IO
H25 / AG5 / AF11
R10 / M26 / AC3
H23 / AB5 / AD6
mcspi3_somi
Slave data out, master data in
IO
E28 / AH5 / AG12
F25 / T10 / AD4
D23 / AB3 / AC6
mcspi3_cs0
SPI Enable 0, polarity configured by
IO
J26 / AF4 / AH12
U9 / N24 / AD3
K22 / V3 / AC7
software
mcspi3_cs1
SPI Enable 1, polarity configured by
O
AC27 / AG4 / AH14
AC25 / U10 / AD2
V21 / W3 / AD9
software
MULTICHANNEL SERIAL PORT INTERFACE (McSPI4)
mcspi4_clk
SPI Clock
IO
Y8 / Y21
U19 / H3
V7 / W19
mcspi4_simo
Slave data in, master data out
IO
V21
U17
W18
mcspi4_somi
Slave data out, master data in
IO
U21
T20
Y18
mcspi4_cs0
SPI Enable 0, polarity configured by
IO
K26
P20
AA19
software
(1) NA in this table stands for "Not applicable".
For more information, see UART/IrDA/CIR / UART/IrDA/CIR Environment section of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-16. Serial Communication Interfaces
– UARTs Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART1)
uart1_cts
UART1 Clear To Send
I
AG22 / W8 / T21
AE21 / T19 / W2
AC19 / AC2 / AA18
uart1_rts
UART1 Request To Send
O
AH22 / AA9
AE22 / R2
W6 / AB19
uart1_rx
UART1 Receive data
I
F28 / Y8 / AE7
H3 / H25 / AE4
E23 / V7 / AC3
uart1_tx
UART1 Transmit data
O
E26 / AA8
L4 / G26
D24 / W7
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART2)
uart2_cts
UART2 Clear To Send
I
AF6 / AB26 / U26
Y24/ P3/ W20
V6/ U23
uart2_rts
UART2 Request To Send
O
AE6 / AB25 / U27
AA24/ N3/ V18
V5/ U24
uart2_rx
UART2 Receive data
I
AE5 / AD25/ U28
W3/ AD21/ Y20
T23/ V4
uart2_tx
UART2 Transmit data
O
AF5 / AA25/ T27
U3/AD22/V20
T24/ W4
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART3) / IrDA
uart3_cts_rctx
UART3 Clear To Send (input),
IO
H18 / U26
W20 / F23
A23 / U23
Remote TX (output)
uart3_rts_sd
UART3 Request To Send, IR enable
O
H19 / U27
V18 / F24
B23 / U24
uart3_rx_irrx
UART3 Receive data, IR and
I
AG24 / H20 / U28 / F27
AD23 / Y20 / H24/ H26
AD21 / B24 / T23 / E24
Remote RX
uart3_tx_irtx
UART3 Transmit data, IR TX
O
AH24 / H21 / T27/ G26
AD24 / V20 / J29 / G24
AC21 / C23 / T24/ F23
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART4) / IrDA
uart4_rx
UART4 Receive data
I
J8
C6
NA
uart4_tx
UART4 Transmit data
O
K8
B3
NA
For more information, see High-Speed USB Host Subsystem and High-Speed USB OTG Controller /
High-Speed USB Host Subsystem / High-Speed USB Host Subsystem Environment section of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-17. Serial Communication Interfaces
– USB Signals DescriptionSection 4.3.6
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
[3]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
HIGH-SPEED UNIVERSAL SERIAL BUS INTERFACE (HSUSB0)
102
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com