Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1210S14BAUTOG2 Datasheet(PDF) 7 Page - EPCOS

Part # CT1210S14BAUTOG2
Description  Ceramic transient voltage suppressors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1210S14BAUTOG2 Datasheet(HTML) 7 Page - EPCOS

Back Button CT1210S14BAUTOG2 Datasheet HTML 3Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 4Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 5Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 6Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 7Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 8Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 9Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 10Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ceramic transient voltage suppressors
B72530E1140S272
SMD multilayer varistor, E series
CT1210S14BAUTOG2
PPD ML PD
2012-05-23
Please read Cautions and warnings and
Page 7 of 14
Important notes at the end of this document.
Wave soldering temperature profile
Temperature characteristic at component terminal with dual-wave soldering
˚C
300
250
200
150
100
50
Time
KKE0144-J-E
2 K/s
approx. 200 K/s
5 K/s
1st wave
2nd wave
2 K/s
235 ˚C ... 260 ˚C
Forced
Limit curves
Normal curve
10 s
100 ˚C ... 130 ˚C
s
250
200
150
100
50
0
0
cooling
Soldering guidelines
The usage of mild, non-activated fluxes for soldering is recommended, as well as proper cleaning of
the PCB.
Storage condition
As far as possible, the components should be soldered within 12 months after delivery from
EPCOS.
Storage temperature: −25 up to +45 °C.
Relative humidity: <75% annual average, <95% on max. 30 days in a year.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com