Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1210S14BAUTOG2 Datasheet(PDF) 2 Page - EPCOS

Part # CT1210S14BAUTOG2
Description  Ceramic transient voltage suppressors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1210S14BAUTOG2 Datasheet(HTML) 2 Page - EPCOS

  CT1210S14BAUTOG2 Datasheet HTML 1Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 2Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 3Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 4Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 5Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 6Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 7Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 8Page - EPCOS CT1210S14BAUTOG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ceramic transient voltage suppressors
B72530E1140S272
SMD multilayer varistor, E series
CT1210S14BAUTOG2
PPD ML PD
2012-05-23
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.
Description
The E series multilayer ceramic varistors has been developed to protect automotive
electronic circuits against transient overvoltages, such as electrostatic discharges and surge
currents.
Features
Reliable ESD protection up to 30 kV acc. to IEC 61000-4-2
High energy absorption capability
Low leakage current
No temperature derating up to 150 °C
High life time robustness
Stable protection level
RoHS-compatible, lead-free
Qualified based on AEC-Q200
PSpice simulation models available
Designation system
CT
C
hip with three-layer-termination (Ag/Ni/Sn)
1210
Dimensions of the device 12 x 10 (length x width in 1/100 inch)
S...B
S
pecial tolerance B of the varistor voltage
14
Maximum RMS operating voltage
AUTO Suited for AUTOmotive application
G2
Taped version, cardboard tape, 13" reel (12000 pcs./ reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com