Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA682 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA682
Description  Band Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA682 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA682 Datasheet HTML 1Page - Vishay Siliconix BA682 Datasheet HTML 2Page - Vishay Siliconix BA682 Datasheet HTML 3Page - Vishay Siliconix BA682 Datasheet HTML 4Page - Vishay Siliconix BA682 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85530
Rev. 1.5, 16-Mar-06
BA682 / BA683
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 20 V
IR
50
nA
Diode capacitance
f = 100 MHz, VR = 1 V
CD
1.5
pF
f = 100 MHz, VR = 3 V
BA682
CD
1.25
pF
BA683
CD
1.2
pF
Differential forward resistance
f = 200 MHz, IF = 3 mA
BA682
rf
0.7
Ω
BA683
rf
1.2
Ω
f = 200 MHz, IF = 10 mA
BA682
rf
0.5
Ω
BA683
rf
0.9
Ω
Figure 1. Differential Forward Resistance vs. Forward Current
Figure 2. Diode Capacitance vs. Reverse Voltage
0.1
1
10
0.1
1
10
100
100
94 9074
BA 683
f = 200 MHz
Tj = 25 °C
BA 682
IF - Forward Current (mA)
0.1
0
0.5
1.0
1.5
2.0
3.0
100
10
94 9075
2.5
V -Reverse Voltage (V)
T
f = 200 MHz
= 25 °C
R
BA 683
BA 682
j
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com