Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA682 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA682
Description  Band Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA682 Datasheet(HTML) 1 Page - Vishay Siliconix

  BA682 Datasheet HTML 1Page - Vishay Siliconix BA682 Datasheet HTML 2Page - Vishay Siliconix BA682 Datasheet HTML 3Page - Vishay Siliconix BA682 Datasheet HTML 4Page - Vishay Siliconix BA682 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BA682 / BA683
Document Number 85530
Rev. 1.5, 16-Mar-06
Vishay Semiconductors
www.vishay.com
1
94 9371
Band Switching Diodes
Features
• Silicon Planar Diodes
• Low differential forward resistance
• Low diode capacitance
• High reverse impedance
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Band switching in VHF-tuners
Mechanical Data
Case: MiniMELF Glass case SOD80
Weight: approx. 31 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BA682
VR = 35 V, rf at IF 3 mA = max 0.7 Ω
BA682-GS18 or BA682-GS08
Tape and Reel
BA683
VR = 35 V, rf at IF 3 mA = max 1.2 Ω
BA683-GS18 or BA683-GS08
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
35
V
Forward continuous current
IF
100
mA
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to +150
°C
e2


Similar Part No. - BA682

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA682 PHILIPS-BA682 Datasheet
31Kb / 5P
Band-switching diodes
1996 Mar 13
logo
Vishay Siliconix
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
logo
Semtech Corporation
BA682 SEMTECH-BA682 Datasheet
94Kb / 2P
Silicon Epitaxial Planar Diode Switches?
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
SILICON PIN DIODES
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
Band-switching diodes
More results

Similar Description - BA682

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
Band-switching diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
Band Switching Diodes
05-Aug-10
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
Band Switching Diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_V01 Datasheet
228Kb / 3P
Band Switching Diodes
04-Mar-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com