Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724AST Datasheet(PDF) 11 Page - Analog Devices

Part # AD7724AST
Description  Dual CMOS - Modulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724AST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7724AST Datasheet HTML 7Page - Analog Devices AD7724AST Datasheet HTML 8Page - Analog Devices AD7724AST Datasheet HTML 9Page - Analog Devices AD7724AST Datasheet HTML 10Page - Analog Devices AD7724AST Datasheet HTML 11Page - Analog Devices AD7724AST Datasheet HTML 12Page - Analog Devices AD7724AST Datasheet HTML 13Page - Analog Devices AD7724AST Datasheet HTML 14Page - Analog Devices AD7724AST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
AD7724
–11–
An alternative circuit configuration for driving the differential
inputs to the AD7724 is shown in Figure 8.
R
100
C
2.7nF
VIN(+)
VIN(–)
C
2.7nF
C
2.7nF
R
100
Figure 8. Differential Input with Antialiasing
A capacitor between the two input pins sources or sinks charge
to allow most of the charge needed by one input to be effectively
supplied by the other input. This minimizes undesirable charge
transfer from the analog inputs to and from ground. The series
resistor isolates the operational amplifier from the current spikes
created during the sampling process and provides a pole for
antialiasing. The 3 dB cutoff frequency of the antialias filter is
given by Equation 1, and the attenuation of the filter is given by
Equation 2.
fR
C
dB
EXT
EXT
3
12
=
()
/
π
(1)
Attenuation
f f
dB
=+
()


20
1
1
3
2
log
//
(2)
The choice of the filter cutoff frequency will depend on the
amount of roll-off that is acceptable in the passband of the digi-
tal filter and the required attenuation at the first image frequency.
The capacitors used for the input antialiasing circuit must have
low dielectric absorption to avoid distortion. Film capacitors
such as polypropylene or polycarbonate are suitable. If ceramic
capacitors are used, they must have NPO dielectric.
Applying the Reference
The reference circuitry used in the AD7724 includes an on-chip
2.5 V bandgap reference and a reference buffer circuit. The
block diagram of the reference circuit is shown in Figure 9. The
internal reference voltage is connected to REF1 via a 3 k
Ω
resistor and is internally buffered to drive the analog modulator’s
switched capacitor DAC (REF2). When using the internal refer-
ence, connect 110 nF between REF1 and AGND. If the internal
reference is required to bias external circuits, use an external
precision op amp to buffer REF1.
4k
REFERENCE
BUFFER
1V
2.5V
REFERENCE
SWITCHED-CAP
DAC REF
REF1
REF2
COMPARATOR
110nF
Figure 9. Reference Circuit Block Diagram
The AD7724 can operate with its internal reference, or an
external reference can be applied in two ways. An external
reference can be connected to REF1, overdriving the internal
reference. However, an error will be introduced due to the
offset of the internal buffer amplifier. For lowest system gain
errors when using an external reference, REF1 is grounded
(disabling the internal buffer) and the external reference is con-
nected to REF2.
In all cases, since the REF2 voltage connects to the analog modu-
lator, a 110 nF capacitor must connect directly from REF2 to
AGND. The external capacitor provides the charge required for
the dynamic load presented at the REF2 pin (Figure 10).
A
B
B
4pF
A
B
A
B
MCLK
REF2
A
4pF
SWITCHED-CAP
DAC REF
110nF
Figure 10. REF2 Equivalent Circuit
The AD780 is ideal to use as an external reference with the
AD7724. Figure 11 shows a suggested connection diagram.
AD780
1
2
3
4
8
7
6
5
NC
+VIN
TEMP
GND
O/P
SELECT
NC
VOUT
TRIM
22nF
1 F
REF2
22 F
110nF
REF1
5V
NC = NO CONNECT
Figure 11. External Reference Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com