Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724AST Datasheet(PDF) 2 Page - Analog Devices

Part # AD7724AST
Description  Dual CMOS - Modulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724AST Datasheet(HTML) 2 Page - Analog Devices

  AD7724AST Datasheet HTML 1Page - Analog Devices AD7724AST Datasheet HTML 2Page - Analog Devices AD7724AST Datasheet HTML 3Page - Analog Devices AD7724AST Datasheet HTML 4Page - Analog Devices AD7724AST Datasheet HTML 5Page - Analog Devices AD7724AST Datasheet HTML 6Page - Analog Devices AD7724AST Datasheet HTML 7Page - Analog Devices AD7724AST Datasheet HTML 8Page - Analog Devices AD7724AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD7724–SPECIFICATIONS1(AVDD = 5 V 5%; DVDD = 5 V 5%, DVDD1 = 3 V 5%; AGND = DGND = 0 V,
fMCLK = 13 MHz ac-coupled sine wave, REF2A = REF2B = 2.5 V; TA = TMIN to TMAX, unless otherwise noted.)
Parameter
A Version
Unit
Test Conditions/Comments
STATIC PERFORMANCE
When Tested with Ideal FIR Filter as in Figure 1
Integral Nonlinearity
±0.003
% FSR typ
Offset Error
±0.24
% FSR typ
Gain Error
2
±0.6
% FSR typ
Offset Error Drift
±37.69
µV/°C typ
Gain Error Drift
REF2 Is an Ideal Reference, REF1 = AGND
Unipolar Mode
±37.69
µV/°C typ
Bipolar Mode
±18.85
µV/°C typ
ANALOG INPUTS
Signal Input Span (VIN(+) – VIN(–))
Bipolar Mode
±V
REF2/2
V max
BIP = VIH
Unipolar Mode
0 to VREF2
V max
BIP = VIL
Maximum Input Voltage
AVDD
V
Minimum Input Voltage
0
V
Input Sampling Capacitance
2
pF typ
Input Sampling Rate
2 fMCLK
MHz
Differential Input Impedance
10
9/(8 f
MCLK)k
Ω typ
REFERENCE INPUTS
REF1 Output Voltage
2.32 to 2.68
V min/max
REF1 Output Voltage Drift
60
ppm/
°C typ
REF1 Output Impedance
4
k
Ω typ
Reference Buffer Offset Voltage
±12
mV max
Offset Between REF1 and REF2
Using Internal Reference
REF2 Output Voltage
2.32 to 2.68
V min/max
REF2 Output Voltage Drift
60
ppm/
°C typ
Using External Reference
REF1 = AGND
REF2 Input Impedance
109/(16 fMCLK)k
Ω typ
External Reference Voltage Range
2.32 to 2.68
V min/max
Applied to REF1 or REF2
DYNAMIC SPECIFICATIONS
3
When Tested with Ideal FIR Filter as in Figure 1
Bipolar Mode
BIP = VIH, VCM = 2.5 V, VIN(+) = VIN(–) = 1.25 V p-p
or VIN(–) = 1.25 V, VIN(+) = 0 V to 2.5 V
Signal-to-(Noise + Distortion)
90
dB typ
Input BW = 0 kHz–94.25 kHz
86
dB min
Total Harmonic Distortion
–90
dB max
Input BW = 0 kHz–94.25 kHz
Spurious Free Dynamic Range
–90
dB max
Input BW = 0 kHz–94.25 kHz
Unipolar Mode
BIP = VIL, VIN(–) = 0 V, VIN(+) = 0 V to 2.5 V
Signal-to-(Noise + Distortion)
88
dB typ
Input BW = 0 kHz–94.25 kHz
Total Harmonic Distortion
–90
dB typ
Input BW = 0 kHz–101.556 kHz
Spurious Free Dynamic Range
–90
dB typ
Input BW = 0 kHz–101.556 kHz
Intermodulation Distortion
–93
dB typ
AC CMRR
96
dB typ
VIN(+) = VIN(–) = 2.5 V p-p, VCM = 1.25 V to
3.75 V, 20 kHz
CLOCK
Square Wave
4
MCLK Duty Ratio
45 to 55
% max
For Specified Operation
VMCLKH, MCLK High Voltage
4
V min
MCLK Uses CMOS Logic
VMCLKL, MCLK Low Voltage
0.4
V max
Sine Wave
XTAL1 Voltage Swing
0.4
V p-p min
XTAL_OFF Tied Low
4
V p-p max
LOGIC INPUTS
VIH, Input High Voltage
2.4
V min
VIL, Input Low Voltage
0.8
V max
IINH, Input Current
10
µA max
CIN, Input Capacitance
10
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com