Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 4 Page - Analog Devices

  AD5313 Datasheet HTML 1Page - Analog Devices AD5313 Datasheet HTML 2Page - Analog Devices AD5313 Datasheet HTML 3Page - Analog Devices AD5313 Datasheet HTML 4Page - Analog Devices AD5313 Datasheet HTML 5Page - Analog Devices AD5313 Datasheet HTML 6Page - Analog Devices AD5313 Datasheet HTML 7Page - Analog Devices AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 4 of 28
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS5
Input Current
±1
±1
μA
0.8
0.8
V
VDD = 5 V ± 10%
0.6
0.6
V
VDD = 3 V ± 10%
Input Low Voltage, VIL
0.5
0.5
V
VDD = 2.5 V
2.4
2.4
V
VDD = 5 V ± 10%
2.1
2.1
V
VDD = 3 V ± 10%
Input High Voltage, VIH
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
2
3.5
2
3.5
pF
LOGIC OUTPUT (SDO)5
VDD = 5 V ± 10%
Output Low Voltage
0.4
0.4
V
ISINK = 2 mA
Output High Voltage
4.0
4.0
V
ISOURCE = 2 mA
VDD = 3 V ± 10%
Output Low Voltage
0.4
0.4
V
ISINK = 2 mA
Output High Voltage
2.4
2.4
V
ISOURCE = 2 mA
Floating-State Leakage Current
1
1
μA
DCEN = GND
Floating-State Output
Capacitance
3
3
pF
DCEN = GND
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD specification is valid for all DAC codes
IDD (Normal Mode)
Both DACs active and excluding load
currents
VDD = 4.5 V to 5.5 V
300
450
300
450
μA
VDD = 2.5 V to 3.6 V
230
350
230
350
μA
Both DACs in unbuffered mode;
VIH = VDD and VIL = GND; in buffered
mode, extra current is typically x μA
per DAC, where x = 5 μA + VREF/RDAC
IDD (Full Power-Down)
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
μA
VDD = 2.5 V to 3.6 V
0.05
1
0.05
1
μA
1 Temperature range for Version A, Version B: −40°C to +105°C.
2 See the Terminology section.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5303 (Code 8 to Code 248); AD5313 (Code 28 to Code 995); AD5323 (Code 115 to Code 3981).
5 Guaranteed by design and characterization, not production tested.
6 In order for the amplifier output to reach its minimum voltage, offset error must be negative. In order for the amplifier output to reach its maximum voltage, VREF = VDD
and offset plus gain error must be positive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com