Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5313 Datasheet HTML 9Page - Analog Devices AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 13 of 28
600
400
300
100
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
200
500
VDD(V)
BOTH DACS IN GAIN-OF-TWO MODE
REFERENCE INPUTS BUFFERED
+105°C
+25°C
–40°C
Figure 19. Supply Current vs. Supply Voltage
1.0
0.9
0
0.4
0.3
0.2
0.1
0.8
0.6
0.7
0.5
BOTH DACS IN
THREE-STATE CONDITION
VDD (V)
2.7
3.2
3.7
4.2
4.7
5.2
–40°C
+25°C
+105°C
Figure 20. Power-Down Current vs. Supply Voltage
500
400
200
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
300
700
VLOGIC (V)
TA = 25°C
VDD = 5V
VDD = 3V
600
Figure 21. Supply Current vs. Logic Input Voltage
CH2
CH1 1V, CH2 5V, TIME BASE = 5µs/DIV
CH1
VDD = 5V
TA = 25°C
CLK
VOUT
Figure 22. Half-Scale Settling (¼ to ¾ Scale Code Change)
CH2
CH1 1V, CH2 1V, TIME BASE = 20µs/DIV
CH1
VOUTA
TA = 25°C
VDD
Figure 23. Power-On Reset to 0 V
CH3
CH1 1V, CH3 5V, TIME BASE = 1µs/DIV
CH1
TA = 25°C
VOUT
CLK
Figure 24. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com