Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCLK Datasheet(PDF) 17 Page - Analog Devices

Part # ABCLK
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ABCLK Datasheet(HTML) 17 Page - Analog Devices

Back Button ABCLK Datasheet HTML 13Page - Analog Devices ABCLK Datasheet HTML 14Page - Analog Devices ABCLK Datasheet HTML 15Page - Analog Devices ABCLK Datasheet HTML 16Page - Analog Devices ABCLK Datasheet HTML 17Page - Analog Devices ABCLK Datasheet HTML 18Page - Analog Devices ABCLK Datasheet HTML 19Page - Analog Devices ABCLK Datasheet HTML 20Page - Analog Devices ABCLK Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 17 of 32
ALRCLK
ABCLK
DSDATA1
(TDM_IN)
ASDATA1
(TDM_OUT)
DLRCLK
(AUX PORT)
DBCLK
(AUX PORT)
DSDATA2
(AUX1_IN)
DSDATA3
(AUX2_IN)
DAC L1
DAC R1
DAC L2
DAC R2
DAC L3
DAC R3
DAC L4
DAC R4
ADC L1
ADC R1
ADC L2
ADC R2
AUX L1
AUX R1
AUX L2
AUX R2
8 ON-CHIP DAC CHANNELS
4 ON-CHIP ADC CHANNELS
4 AUX ADC CHANNELS
32 BITS
LEFT
RIGHT
MSB
MSB
MSB
MSB
MSB
Figure 15. 8-Channel AUX ADC Mode
LEFT
RIGHT
MSB
MSB
MSB
MSB
DLRCLK
(AUX PORT)
DBCLK
(AUX PORT)
DSDATA2
(AUX1_IN)
DSDATA3
(AUX2_IN)
ALRCLK
ABCLK
ASDATA1
(TDM_OUT)
MSB
ADC L1 ADC R1 ADC L2 ADC R2 AUX L1 AUX R1 AUX L2 AUX R2
UNUSED UNUSED UNUSED UNUSED
UNUSED UNUSED UNUSED UNUSED
4 ON-CHIP ADC CHANNELS
AUXILIARY ADC CHANNELS
UNUSED SLOTS
32 BITS
Figure 16. 16-Channel AUX ADC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com