Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCLK Datasheet(PDF) 2 Page - Analog Devices

Part # ABCLK
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ABCLK Datasheet(HTML) 2 Page - Analog Devices

  ABCLK Datasheet HTML 1Page - Analog Devices ABCLK Datasheet HTML 2Page - Analog Devices ABCLK Datasheet HTML 3Page - Analog Devices ABCLK Datasheet HTML 4Page - Analog Devices ABCLK Datasheet HTML 5Page - Analog Devices ABCLK Datasheet HTML 6Page - Analog Devices ABCLK Datasheet HTML 7Page - Analog Devices ABCLK Datasheet HTML 8Page - Analog Devices ABCLK Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD1939
Data Sheet
Rev. E | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Test Conditions............................................................................. 3
Analog Performance Specifications ........................................... 3
Crystal Oscillator Specifications................................................. 4
Digital Input/Output Specifications........................................... 5
Power Supply Specifications........................................................ 5
Digital Filters................................................................................. 6
Timing Specifications .................................................................. 6
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 13
Analog-to-Digital Converters (ADCs).................................... 13
Digital-to-Analog Converters (DACs).................................... 13
Clock Signals............................................................................... 13
Reset and Power-Down ............................................................. 14
Serial Control Port ..................................................................... 14
Power Supply and Voltage Reference....................................... 15
Serial Data Ports—Data Format............................................... 15
Time-Division Multiplexed (TDM) Modes............................ 15
Daisy-Chain Mode..................................................................... 19
Control Registers ............................................................................ 24
Definitions................................................................................... 24
PLL and Clock Control Registers............................................. 24
DAC Control Registers.............................................................. 25
ADC Control Registers.............................................................. 27
Additional Modes....................................................................... 29
Application Circuits ....................................................................... 30
Outline Dimensions....................................................................... 31
Ordering Guide .......................................................................... 31
Automotive Products................................................................. 31
REVISION HISTORY
2/13—Rev. D to Rev. E
Change to tCLH Parameter, Table 7 ...................................................7
Changes to Serial Control Port Section........................................14
7/11—Rev. C to Rev. D
Changes to Pin 15, Pin 18, Pin 19, and Pin 20 Descriptions ...... 9
Changes to Pin 26 and Pin 27 Descriptions................................ 10
9/10—Rev. B to Rev. C
Added Qualified for Automotive Applications to the Features
Section................................................................................................ 1
Changed Case Temperature from 130°C to 125°C ...................... 4
Changed TA from −40°C to +130°C to −40°C to +105°C ........... 5
Changed TA from −40°C to +130°C to −40°C to +105°C ........... 7
Changes to Ordering Guide .......................................................... 31
Added Automotive Products Section .......................................... 31
3/10—Rev. A to Rev. B
Changes to Ordering Guide.......................................................... 31
6/07—Rev. 0 to Rev. A
Deleted I2C References.......................................................Universal
Change to Figure 1 ............................................................................1
Changes to Figure 2...........................................................................9
Changes to Table 10 ..........................................................................9
Changes to Table 11 ....................................................................... 14
Changes to Table 12 ....................................................................... 16
Changes to Figure 24 and Figure 25............................................. 22
Changes to Table 13 ....................................................................... 23
Change to Figure 26 ....................................................................... 23
Changes to Table 15 and Table 16 ................................................ 24
Changes to Figure 27 and Figure 28............................................. 29
Change to Figure 30 ....................................................................... 30
Updated Outline Dimensions....................................................... 31
Changes to Ordering Guide.......................................................... 31
7/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com