Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR391BUJZ-R21 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR391BUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391BUJZ-R21 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR391BUJZ-R21 Datasheet HTML 2Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 3Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 4Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 5Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 6Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 7Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 8Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 9Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
At 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
Supply Voltage
18 V
Output Short-Circuit Duration to GND
See derating curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, for a device
soldered in a circuit board for surface-mount packages.
Table 6.
Package Type
θJA
θJC
Unit
TSOT (UJ-5)
230
146
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com