Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR391BUJZ-R21 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR391BUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391BUJZ-R21 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR391BUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 17Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 18Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 19Page - Analog Devices ADR391BUJZ-R21 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 18 of 20
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
0.50
0.30
0.10 MAX
SEATING
PLANE
*1.00 MAX
*0.90
0.87
0.84
2.90 BSC
54
12
3
Figure 41. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Output
Voltage
(VO)
Initial
Accuracy
Temperature
Coefficient
(ppm/°C)
Package
Description
Package
Option
Branding
Ordering
Quantity
Temperature
Range
(mV)
(%)
ADR391AUJZ-REEL71
2.5
±6
0.24
25
5-Lead TSOT
UJ-5
R1A
3,000
−40°C to +125°C
ADR391AUJZ-R21
2.5
±6
0.24
25
5-Lead TSOT
UJ-5
R1A
250
−40°C to +125°C
ADR391BUJZ-REEL71
2.5
±4
0.16
9
5-Lead TSOT
UJ-5
R1B
3,000
−40°C to +125°C
ADR391BUJZ-R21
2.5
±4
0.16
9
5-Lead TSOT
UJ-5
R1B
250
−40°C to +125°C
ADR392AUJZ-REEL71
4.096
±6
0.15
25
5-Lead TSOT
UJ-5
RCA
3,000
−40°C to +125°C
ADR392AUJZ-R21
4.096
±6
0.15
25
5-Lead TSOT
UJ-5
RCA
250
−40°C to +125°C
ADR392BUJZ-REEL71
4.096
±5
0.12
9
5-Lead TSOT
UJ-5
RCB
3,000
−40°C to +125°C
ADR392BUJZ-R21
4.096
±5
0.12
9
5-Lead TSOT
UJ-5
RCB
250
−40°C to +125°C
ADR392WBUJZ-R71, 2
4.096
±5
0.12
9
5-Lead TSOT
UJ-5
RCB
3,000
−40°C to +125°C
ADR395AUJZ-REEL71
5.0
±6
0.12
25
5-Lead TSOT
UJ-5
RDA
3,000
−40°C to +125°C
ADR395AUJZ-R21
5.0
±6
0.12
25
5-Lead TSOT
UJ-5
RDA
250
−40°C to +125°C
ADR395BUJZ-REEL71
5.0
±5
0.10
9
5-Lead TSOT
UJ-5
RDB
3,000
−40°C to +125°C
ADR395BUJZ-R21
5.0
±5
0.10
9
5-Lead TSOT
UJ-5
RDB
250
−40°C to +125°C
1 Z = RoHS Compliant Part.
2 Automotive grade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com