Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP45521IMNTWGL Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP45521IMNTWGL
Description  ecoSWITCH Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45521IMNTWGL Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP45521IMNTWGL Datasheet HTML 2Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 3Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 4Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 5Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 6Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 7Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 8Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 9Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP45520, NCP45521
http://onsemi.com
8
Figure 6. NCP45521 Typical Application Diagram − Load Switch
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
Thermal,
Undervoltage
&
Short−Circuit
Protection
Control
Logic
Load
Controller
3.0 V − 5.5 V
Power Supply
or Battery
0.5 V − 13.5 V
SR
GND
CSR
BLEED
VOUT
REXT
VIN
VCC
EN
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
Thermal,
Undervoltage
&
Short−Circuit
Protection
Control
Logic
Load
3.0 V − 5.5 V
EN
GND
BACKPLANE
REMOVABLE
CARD
Figure 7. NCP45521 Typical Application Diagram − Hot Swap
VCC
EN
VIN
VCC
SR
GND
BLEED
CSR
VOUT
0.5 V − 13.5 V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com