Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP45521IMNTWGL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP45521IMNTWGL
Description  ecoSWITCH Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45521IMNTWGL Datasheet(HTML) 4 Page - ON Semiconductor

  NCP45521IMNTWGL Datasheet HTML 1Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 2Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 3Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 4Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 5Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 6Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 7Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 8Page - ON Semiconductor NCP45521IMNTWGL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP45520, NCP45521
http://onsemi.com
4
Table 5. SWITCHING CHARACTERISTICS (TJ = 25°C unless otherwise specified) (Notes 15 and 16)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Slew Rate (Note 17)
VCC = 3.3 V; VIN = 1.8 V
SR
11.9
kV/s
VCC = 5.0 V; VIN = 1.8 V
12.1
VCC = 3.3 V; VIN = 12 V
13.5
VCC = 5.0 V; VIN = 12 V
13.9
Output Turn−on Delay (Note 17)
VCC = 3.3 V; VIN = 1.8 V
TON
220
ms
VCC = 5.0 V; VIN = 1.8 V
185
VCC = 3.3 V; VIN = 12 V
270
VCC = 5.0 V; VIN = 12 V
260
Output Turn−off Delay (Note 17)
VCC = 3.3 V; VIN = 1.8 V
TOFF
1.2
ms
VCC = 5.0 V; VIN = 1.8 V
0.9
VCC = 3.3 V; VIN = 12 V
0.4
VCC = 5.0 V; VIN = 12 V
0.2
Power Good Turn−on Time (Note 18)
VCC = 3.3 V; VIN = 1.8 V
TPG,ON
0.91
ms
VCC = 5.0 V; VIN = 1.8 V
0.93
VCC = 3.3 V; VIN = 12 V
1.33
VCC = 5.0 V; VIN = 12 V
1.21
Power Good Turn−off Time (Note 18)
VCC = 3.3 V; VIN = 1.8 V
TPG,OFF
21
ns
VCC = 5.0 V; VIN = 1.8 V
15
VCC = 3.3 V; VIN = 12 V
21
VCC = 5.0 V; VIN = 12 V
15
15.See below figure for Test Circuit and Timing Diagram.
16.Tested with the following conditions: VTERM = VCC; RPG = 100 kW; RL = 10 W; CL = 0.1 mF.
17.Applies to NCP45520 and NCP45521.
18.Applies only to NCP45520.
EN
NCP4552x−H
PG
GND
BLEED
OFF ON
SR
10%
90%
DV
Dt
SR =
DV
D t
50%
50%
90%
50%
50%
Figure 2. Switching Characteristics Test Circuit and Timing Diagram
VOUT
VIN
VCC
CL
RL
VTERM
RPG
TPG,OFF
TOFF
TPG,ON
TON
VOUT
VPG
VEN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com