Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7105ARDZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP7105ARDZ-R7
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105ARDZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP7105ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP7105
Data Sheet
Rev. 0 | Page 6 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration, LFCSP Package
Figure 4. Pin Configuration, Narrow-Body SOIC Package
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 µF or greater capacitor.
2
SENSE/ADJ
Sense (SENSE). SENSE measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect of IR drop
between the regulator output and the load. This function applies to fixed voltage models only.
Adjust Input (ADJ). An external resistor divider sets the output voltage. This function applies to
adjustable voltage models only.
3
GND
Ground.
4
SS
Soft Start. A capacitor connected to this pin determines the soft start time.
5
EN/UVLO
Enable Input (EN). Drive EN high to turn on the regulator; drive EN low to turn off the regulator.
For automatic startup, connect EN to VIN.
Programmable Undervoltage Lockout (UVLO). When the programmable UVLO function is used,
the upper and lower thresholds are determined by the programming resistors.
6
GND
Ground.
7
PG
Power Good. This open-drain output requires an external pull-up resistor to VIN or VOUT. If the
part is in shutdown mode, current-limit mode, or thermal shutdown, or if VOUT falls below 90%
of the nominal output voltage, PG immediately transitions low. If the power-good function is
not used, the pin can be left open or connected to ground.
8
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 µF or greater capacitor.
EPAD
Exposed Pad. The exposed pad on the bottom of the package enhances thermal performance
and is electrically connected to GND inside the package. It is highly recommended that the
exposed pad be connected to the ground plane on the board.
NOTES
1. IT IS HIGHLY RECOMMENDED THAT THE
EXPOSED PAD ON THE BOTTOM OF THE
PACKAGE BE CONNECTED TO THE GROUND
PLANE ON THE BOARD.
3
GND
4
SS
1
VOUT
2
SENSE/ADJ
6 GND
5 EN/UVLO
8 VIN
7 PG
ADP7105
TOP VIEW
(Not to Scale)
NOTES
1. IT IS HIGHLY RECOMMENDED THAT THE
EXPOSED PAD ON THE BOTTOM OF THE
PACKAGE BE CONNECTED TO THE GROUND
PLANE ON THE BOARD.
VOUT
1
SENSE/ADJ
2
GND
3
SS
4
VIN
8
PG
7
GND
6
EN/UVLO
5
ADP7105
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com