Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7105ARDZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP7105ARDZ-R7
Description  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7105ARDZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP7105ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADP7105ARDZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP7105
Rev. 0 | Page 11 of 28
Figure 29. Output Voltage vs. Junction Temperature, VOUT = 5 V, Adjustable
Figure 30. Output Voltage vs. Load Current, VOUT = 5 V, Adjustable
Figure 31. Output Voltage vs. Input Voltage, VOUT = 5 V, Adjustable
Figure 32. Reverse Input Current vs. Temperature, VIN = 0 V, Different
Voltages on VOUT
Figure 33. Start-Up Time, VEN and VIN = 6 V, CIN and COUT = 1 µF, CSS = 10 nF,
IOUT = 10 mA, VOUT = 5 V
Figure 34. Power Supply Rejection Ratio vs. Frequency, VOUT = 1.8 V, VIN = 3.3 V
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
LOAD = 500mA
–40
–5
25
85
125
TJ (°C)
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
0.1
1
10
100
1000
ILOAD (mA)
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
6
8
10
12
14
16
18
20
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
LOAD = 500mA
0
0.5
1.0
1.5
2.0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
3.3V
4V
5V
6V
8V
10V
12V
15V
18V
20V
CH1 2.00V
CH2 2.00V
M2.00ms
A CH1
3.00V
T
5.95ms
CH3 20mA
3
2
1
EN
VOUT
IIN
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 500mA
LOAD = 300mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com