Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3797 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3797 Datasheet HTML 9Page - Linear Technology LT3797 Datasheet HTML 10Page - Linear Technology LT3797 Datasheet HTML 11Page - Linear Technology LT3797 Datasheet HTML 12Page - Linear Technology LT3797 Datasheet HTML 13Page - Linear Technology LT3797 Datasheet HTML 14Page - Linear Technology LT3797 Datasheet HTML 15Page - Linear Technology LT3797 Datasheet HTML 16Page - Linear Technology LT3797 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LT3797
13
3797f
For more information www.linear.com/LT3797
APPLICATIONS INFORMATION
Switching Frequency and Synchronization
The RT frequency adjust pin allows the user to program
the switching frequency (fSW) from 100kHz to 1MHz to
optimize efficiency/performance or external component
size. Higher frequency operation yields smaller compo-
nent size but increases switching losses and gate driving
current, and may not allow sufficiently high or low duty
cycle operation. Lower frequency operation gives higher
efficiency, achieves higher maximum duty cycle or lower
minimum duty cycle at the cost of larger external compo-
nent size. An external resistor from the RT pin to GND is
required—do not leave this pin open. For an appropriate
RT resistor value see Table 1.
Table 1. Switching Frequency (fSW) vs RT Value
fSW (kHz)
RT (kΩ)
fSW (kHz)
RT (kΩ)
100
154
600
22.6
150
102
650
20.5
200
75.0
700
17.4
250
59.0
750
19.1
300
48.7
800
16.2
350
41.2
850
15.0
400
35.7
900
14.0
450
31.6
950
13.3
500
28.0
1000
12.4
550
24.9
TheoperatingfrequencyoftheLT3797canbesynchronized
to an external clock source. By providing a digital clock
signal into the SYNC pin, the LT3797 will operate at the
SYNCclockfrequency.Ifthisfeatureisused,anRTresistor
should be chosen to program a switching frequency 20%
slower than SYNC pulse frequency. Tie the SYNC pin to
GND if this feature is not used.
Duty Cycle Considerations
Switching duty cycle is a key variable defining converter
operation, therefore, its limits must be considered when
programming the switching frequency for a particular ap-
plication. The minimum duty cycle of the switch is limited
by the fixed minimum on-time (200ns maximum) and the
switchingfrequency(fSW).Themaximumdutycycleofthe
switch is limited by the fixed minimum off-time (200ns
maximum) and fSW. The following equations express the
minimum/maximum duty cycle:
Minimum Duty Cycle = 200ns • fSW
Maximum Duty Cycle = 1 – 200ns • fSW
Besides the limitation by the minimum off-time, it is also
recommended to choose the maximum duty cycle below
95%.
PWM Dimming Control
The LED of each channel can be dimmed with pulse width
modulation using the PWM pin. Figure 1 shows the chan-
nel 1 driver. If the PWM1 pin is pulled high, M2 is turned
on by G3 and G4. Converter 1 operates normally. G4 limits
ISP1-TG1 to 6.5V to protect the gate of M2. If the PWM1
pin is pulled low, the external NMOS M1 is turned off
through G1 etc, and converter 1 stops operating. M2 is
turned off through the TG1 pin, disconnecting LED1 and
stoppingcurrentdrawingfromoutputcapacitor,COUT.The
VC1 pin is also disconnected from the internal circuitry
through S1. The capacitors CC and COUT store the state
of the LED string current until PWM1 is pulled up again.
This leads to a highly linear relationship between PWM
duty cycle and output light (brightness), and allows for
a large and accurate dimming range. The PWM dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com