Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3797 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3797 Datasheet HTML 17Page - Linear Technology LT3797 Datasheet HTML 18Page - Linear Technology LT3797 Datasheet HTML 19Page - Linear Technology LT3797 Datasheet HTML 20Page - Linear Technology LT3797 Datasheet HTML 21Page - Linear Technology LT3797 Datasheet HTML 22Page - Linear Technology LT3797 Datasheet HTML 23Page - Linear Technology LT3797 Datasheet HTML 24Page - Linear Technology LT3797 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LT3797
21
3797f
For more information www.linear.com/LT3797
APPLICATIONS INFORMATION
Switch Current Sense Resistors Selection
The LT3797 measures each channel’s power N-channel
MOSFET current by using a sense resistor (see RSW_SENin
Figure 1) between GND and the MOSFET source. Figure 7
showsatypicalwaveformofthesensevoltage(VSW_SENSE)
across the sense resistor in CCM. The placement of the
senseresistorRSW_SENshouldbeclosetothesourceofthe
MOSFET and GND. The SENSEP and SENSEN sense node
traces should run parallel to each other to a Kelvin con-
nection on the positive and negative terminals of RSW_SEN.
Due to the current limit function of the power switch cur-
rent control, RSW_SENshouldbeselectedtoguaranteethat
the peak current sense voltage VSW_SENSE(PEAK) during
steady-state normal operation is lower than the SENSE
current limit threshold (100mV minimum). It is recom-
mended to give a 20% margin and set VSW_SENSE(PEAK)
to be 80mV. Then, the switch current sense resistor value
can be calculated as:
RSW _SEN =
80mV
ISW(PEAK)
where ISW(PEAK) is the peak switch current. ISW(PEAK) of
the boost, buck mode and buck-boost mode LED driver is:
ISW(PEAK) = IL(PEAK)
ISW(PEAK) of the SEPIC LED driver is:
ISW(PEAK) = IL1(PEAK) + IL2(PEAK)
Sense Voltage Ripple Verification
After the inductor ripple current and the switch current
sense resistor value have been selected according to the
previous sections, the sense voltage ripple
∆VSW_SENSE
(refer to Figure 7) of the boost, buck, and buck-boost LED
drivers can be determined using the following equation:
∆VSW_SENSE = ∆IL • RSW_SEN
∆VSW_SENSE of the SEPIC LED driver can be determined
using the following equation:
∆VSW_SENSE = 2 • ∆IL • RSW_SEN
The LT3797 has internal slope compensation to stabilize
the control loop against sub-harmonic oscillation. When
the LT3797 operates at a duty cycle greater than 0.66
in CCM, the sense voltage ripple,
∆VSW_SENSE (refer to
Figure 7), needs to be limited to ensure the internal slope
compensation is sufficient to stabilize the control loop.
Figure 8 shows the maximum
∆VSW_SENSE over the duty
cycle.Itisrecommendedtocheckandensure
∆VSW_SENSE
isbelowthiscurveatthehighestdutycycle.If
∆VSW_SENSE
is above the maximum
∆VSW_SENSE curve at the highest
dutycycle,the
∆ILneedstobereducedandtheparameters
in the previous two sections need to be recalculated until
the optimized values are obtained.
Figure 7. The Sense Voltage Across the Sense Resistor in CCM
∆VSW_SENSE
VSW_SENSE(PEAK)
t
VSW_SENSE
D/f
3797 F07
1/f
Figure 8. The Maximum Sense Voltage Ripple
vs Duty Cycle for CCM
DUTY CYCLE
0.5
30
90
100
110
3797 F08
10
70
50
20
80
0
60
40
0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9 0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com