Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652JPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD652JPZ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652JPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD652JPZ Datasheet HTML 9Page - Analog Devices AD652JPZ Datasheet HTML 10Page - Analog Devices AD652JPZ Datasheet HTML 11Page - Analog Devices AD652JPZ Datasheet HTML 12Page - Analog Devices AD652JPZ Datasheet HTML 13Page - Analog Devices AD652JPZ Datasheet HTML 14Page - Analog Devices AD652JPZ Datasheet HTML 15Page - Analog Devices AD652JPZ Datasheet HTML 16Page - Analog Devices AD652JPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD652
Rev. C | Page 13 of 28
The one-shot capacitor controls the pulse width of the
frequency output. The pulse is initiated by the rising edge of the
clock signal. The delay time between the rising edge of the clock
and the falling edge of the frequency output is typically 200 ns.
The width of the pulse is 5 ns/pF, and the minimum width is
about 200 ns with Pin 9 floating. If the one-shot period is
accidentally chosen longer than the clock period, the width of
the pulse defaults to equal the clock period. The one-shot can be
disabled by connecting Pin 9 to +VS (Figure 17); the output
pulse width is then equal to the clock period. The one-shot is
activated (Figure 18) by connecting a capacitor from Pin 9 to
+VS, −VS, or Digital Ground (+VS is preferred).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
+VS
Figure 17. One-Shot Disabled
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
COS
ANY AC GND
(+VS,–VS, OR DIGITAL GND)
Figure 18. One-Shot Enabled
DIGITAL GROUND
Digital Ground can be at any potential between −VS and
(+VS – 4 V). This can be very useful in systems with derived
grounds rather than stiff supplies. For example, in a small
isolated power circuit, often only a single supply is generated
and the ground is set by a divider tap. Such a ground cannot
handle the large currents associated with digital signals. With
the AD652 SVFC, it is possible to connect the Digital Ground to
–VS for a solid logic reference, as shown in Figure 19.
+VS
1
2
3
4
–
+
5
6
7
VIN
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
RL
5V
CLOCK
FREQ
OUT
CINT
COS
–VS
Figure 19. Digital GND at −VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com