Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652JPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD652JPZ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652JPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD652JPZ Datasheet HTML 17Page - Analog Devices AD652JPZ Datasheet HTML 18Page - Analog Devices AD652JPZ Datasheet HTML 19Page - Analog Devices AD652JPZ Datasheet HTML 20Page - Analog Devices AD652JPZ Datasheet HTML 21Page - Analog Devices AD652JPZ Datasheet HTML 22Page - Analog Devices AD652JPZ Datasheet HTML 23Page - Analog Devices AD652JPZ Datasheet HTML 24Page - Analog Devices AD652JPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD652
Rev. C | Page 21 of 28
–VS
φ2
+VS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
0.02
µF
VOLTS
OUT
V2
+5V
4k
Ω
MPX INPUT
–VS
φ3
+VS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
0.02
µF
VOLTS
OUT
V3
–VS
φ4
+VS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
0.02
µF
VOLTS
OUT
V4
1N4148
φ2, φ3, φ4 ARE PINS 15, 7, 6 OF TIM9904A FROM DEMUX FIGURE 30
Figure 31. Demultiplexer Frequency-to-Voltage Conversion
+5V
TRANSFORMER
PICO 31080
24 TURNS
T50- MICROMETALS
CK
'74
Q
D
CK
'74
Q
D
Q
500
Ω
+15V
1
2
3
4
5
6
7
–15V
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
0.02
µF
1nF
LO
HI
VIN
3k
Ω
1k
Ω
1nF
6N137
OPTO-
ISOLATOR
5
4
6
3
7
2
8
1
ISOLATION BARRIER
FREQUENCY
OUTPUT
2N6659
2N6659
MYLAR
0.01
µF
+5V
10
µH
100
Ω
100
Ω
12
3
1.65k
Ω
1.65k
Ω
AD654
1
8
2
7
3
6
4
5
DRIVER
OSC
200pF
1.2k
Ω
6.8k
Ω
10k
Ω
1.5k
Ω
V
AD589
1.2V
+5V
1N4148
4
5
6
7
+15V
REG
7815
–15V
REG
7915
47
µF
47
µF
47
µF
47
µF
+15V
–15V
10k
Ω
Figure 32. Isolated Synchronous VFC
Analog Signal Reconstruction
If it is desired to reconstruct the analog voltages from the
multiplex signal, three more AD652 SVFC devices are used as
frequency-to-voltage converters, as shown in Figure 31. The
comparator inputs of all the devices are strapped together, the
“+” inputs are held at a 1.2 V TTL threshold, and the “−” inputs
are driven by the multiplex input. The three clock inputs are
driven by the ϕ outputs of the clock chip. Remember that data
at the comparator input of the SVFC is loaded on the falling
edge of the clock signal and shifted out on the next rising edge.
Note that the frequency signals for each data channel are
available at the frequency output pin of each FVC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com