Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497FS Datasheet(PDF) 5 Page - Analog Devices

Part # OP497FS
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497FS Datasheet(HTML) 5 Page - Analog Devices

  OP497FS Datasheet HTML 1Page - Analog Devices OP497FS Datasheet HTML 2Page - Analog Devices OP497FS Datasheet HTML 3Page - Analog Devices OP497FS Datasheet HTML 4Page - Analog Devices OP497FS Datasheet HTML 5Page - Analog Devices OP497FS Datasheet HTML 6Page - Analog Devices OP497FS Datasheet HTML 7Page - Analog Devices OP497FS Datasheet HTML 8Page - Analog Devices OP497FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP497
Rev. E | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V, unless otherwise noted.
50
0
30
10
20
40
INPUT OFFSET VOLTAGE (µV)
TA = 25°C
VS = ±15V
VCM = 0V
–100
–80
–60
–40
–20
0
20
40
60
80
100
Figure 5. Typical Distribution of Input Offset Voltage
50
0
30
10
20
40
INPUT BIAS CURRENT (pA)
TA = 25°C
VS = ±15V
VCM = 0V
–100
–80
–60
–40
–20
0
20
40
60
80
100
Figure 6. Typical Distribution of Input Bias Current
60
0
60
30
10
10
20
0
50
40
50
40
30
20
INPUT OFFSET CURRENT (pA)
TA = 25°C
VS = ±15V
VCM = 0V
Figure 7. Typical Distribution of Input Offset Current
50
0
0.8
30
10
0.1
20
0
40
0.7
0.6
0.5
0.4
0.3
0.2
TCVOS (µV/°C)
VS = ±15V
VCM = 0V
Figure 8. Typical Distribution of TCVOS
1k
100
10
TEMPERATURE (°C)
+IB
IOS
–75
–50
–25
0
25
50
75
100
125
VS = ±15V
VCM = 0V
–IB
Figure 9. Input Bias, Offset Current vs. Temperature
70
0
15
30
10
–10
20
–15
60
40
50
10
5
0
–5
–IB
+IB
COMMON-MODE VOLTAGE (V)
TA = 25°C
VS = ±15V
Figure 10. Input Bias Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com