Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497FS Datasheet(PDF) 3 Page - Analog Devices

Part # OP497FS
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497FS Datasheet(HTML) 3 Page - Analog Devices

  OP497FS Datasheet HTML 1Page - Analog Devices OP497FS Datasheet HTML 2Page - Analog Devices OP497FS Datasheet HTML 3Page - Analog Devices OP497FS Datasheet HTML 4Page - Analog Devices OP497FS Datasheet HTML 5Page - Analog Devices OP497FS Datasheet HTML 6Page - Analog Devices OP497FS Datasheet HTML 7Page - Analog Devices OP497FS Datasheet HTML 8Page - Analog Devices OP497FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP497
Rev. E | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±15 V, unless otherwise noted.
Table 1.
F Grade
G Grade
Parameter
Symbol
Condition
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
40
75
80
150
μV
−40°C ≤ +85°C
70
150
120
250
μV
Average Input Offset Voltage Drift
TCVOS
TMIN − TMAX
0.4
1.0
0.6
1.5
μV/°C
Long-Term Input Offset Voltage
Stability
0.1
0.1
μV/Month
Input Bias Current
IB
VCM = 0 V
40
150
60
200
pA
−40° ≤ TA ≤ +85°C
60
200
80
300
pA
Average Input Bias Current Drift
TCIB
−40° ≤ TA ≤ +85°C
0.3
0.3
pA/°C
Input Offset Current
IOS
VCM = 0 V
30
150
50
200
pA
−40° ≤ TA ≤ +85°C
50
200
80
300
pA
Average Input Offset Current Drift
TCIOS
0.3
0.4
pA/°C
Input Voltage Range1
IVR
±13
±14
±13
±14
V
TMIN − TMAX
±13
±13.5
±13
±13.5
V
Common-Mode Rejection
CMR
VCM = ±13 V
114
135
114
135
dB
TMIN − TMAX
108
120
108
120
dB
Large Signal Voltage Gain
AVO
VO = ±10 V, RL = 2 kΩ
1500
4000
1200
4000
V/mV
−40° ≤ TA ≤ +85°C
800
2000
800
2000
V/mV
Input Resistance Differential Mode
RIN
30
30
MΩ
Input Resistance Common Mode
RINCM
500
500
GΩ
Input Capacitance
CIN
3
3
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 2 kΩ
±13
±13.7
±13
±13.7
V
RL = 10 kΩ, TMIN − TMAX
±13
±14
±13
±14
V
RL = 10 kΩ
±13
±13.5
±13
±13.5
V
Short Circuit
ISC
±25
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2 V to ±20 V
114
135
114
135
dB
VS = ±2.5 V to ±20 V, TMIN − TMAX
108
120
108
120
dB
Supply Current (per Amplifier)
ISY
No load
525
625
525
625
μA
TMIN − TMAX
580
750
580
750
μA
Supply Voltage Range
VS
Operating range
±2
±20
±2
±20
V
TMIN − TMAX
±2.5
±20
±2.5
±20
V
DYNAMIC PERFORMANCE
Slew Rate
SR
0.05
0.15
0.05
0.15
V/μs
Gain Bandwidth Product
GBW
500
500
kHz
Channel Separation
CS
VO = 20 V p-p, fO = 10 Hz
150
150
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.3
0.3
μV/p-p
Voltage Noise Density
en
en = 10 Hz
17
17
nV/√Hz
en = 1 kHz
15
15
nV/√Hz
Current Noise Density
in
in = 10 Hz
20
20
fA/√Hz
1 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com