Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7709
Description  16-Bit-ADC with Switchable Current Sources
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7709 Datasheet HTML 20Page - Analog Devices AD7709 Datasheet HTML 21Page - Analog Devices AD7709 Datasheet HTML 22Page - Analog Devices AD7709 Datasheet HTML 23Page - Analog Devices AD7709 Datasheet HTML 24Page - Analog Devices AD7709 Datasheet HTML 25Page - Analog Devices AD7709 Datasheet HTML 26Page - Analog Devices AD7709 Datasheet HTML 27Page - Analog Devices AD7709 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. A
AD7709
–24–
When the ADC is configured for bipolar operation, the coding
is offset binary with a negative full-scale voltage resulting in a
code of 000 . . . 000, a zero differential voltage resulting in a
code of 100 . . . 000, and a positive full-scale voltage resulting in
a code of 111 . . . 111. The output code from the ADC for any
analog input voltage can be represented as follows:
Code
AIN
GAIN
V
N
REF
=¥
¥
¥
()
()+
[]
-
21 024
1
1
/.
where:
AIN is the analog input voltage.
GAIN in the PGA gain, i.e., 1 on the
±2.56 V range and 128
on the
±20 mV range.
N = 16.
Excitation Currents
The AD7709 also contains three software configurable constant
current sources. IEXC1 and IEXC2 provide 200
mA of current
while IEXC3 provides 25
mA of current. All source current
from VDD is directed to either the IOUT1 or IOUT2 pins of the
device. These current sources are controlled via bits in the
Configuration Register. The configuration bits enable the current
sources, and they can be configured to source current individually
to both pins or a combination of currents, i.e., 400
mA, 225 mA, or
425
mA to either of the selected output pins. These current sources
can be used to excite external resistive bridge or RTD sensors.
Crystal Oscillator
The AD7709 is intended for use with a 32.768 kHz watch crys-
tal. A PLL internally locks onto a multiple of this frequency to
provide a stable 4.194304 MHz clock for the ADC. The modu-
lator sample rate is the same as the crystal oscillator frequency.
The start-up time associated with 32.768 kHz crystals is typically
300 ms. The OSCPD bit in the Communications Register can
be used to prevent the oscillator from powering down when the
AD7709 is placed in power-down mode. This avoids having to
wait 300 ms after exiting power-down to start a conversion at the
expense of raising the power-down current.
Reference Input
The AD7709 has a fully differential reference input capability
for the channel. On the channel, the reference inputs can be
REFIN1(+) and REFIN1(–) or REFIN2(+) and REFIN2(–).
They provide a differential reference input capability. The
common-mode range for these differential inputs is from GND
to VDD. The reference input is unbuffered and therefore
excessive R-C source impedances will introduce gain errors.
The nominal reference voltage, VREF, ((REFIN1(+)
– REFIN1(–) or (REFIN2(+) – REFIN2(–)), for specified
operation is 2.5 V, but the AD7709 is functional with reference
voltages from 1 V to VDD. In applications where the excitation
(voltage or current) for the transducer on the analog input also
drives the reference voltage for the part, the effect of the low
frequency noise in the excitation source will be removed
because the application is ratiometric. If the AD7709 is used
in a nonratiometric application, a low noise reference should be
used. Recommended reference voltage sources for the AD7709
include the AD780, REF43, and REF192. It should also be noted
that the reference inputs provide a high impedance, dynamic load.
Because the input impedance of each reference input is dynamic,
resistor/capacitor combinations on these inputs can cause dc gain
errors, depending on the output impedance of the source that is
driving the reference inputs. Reference voltage sources like those
recommended above (e.g., AD780) will typically have low output
impedances and are therefore tolerant to having decoupling capaci-
tors on the REFIN(+) without introducing gain errors in the system.
Deriving the reference input voltage across an external resistor, as
shown in Figure 18, will mean that the reference input sees a
significant external source impedance. External decoupling on the
REFIN pins would not be recommended in this type of circuit
configuration.
Reset Input
The
RESET input on the AD7709 resets all the logic, the digital
filter, and the analog modulator while all on-chip registers are reset
to their default state.
RDY is driven high and the AD7709 ignores
all communications to any of its registers while the
RESET
input is low. When the
RESET input returns high, the AD7709
operates with its default setup conditions and it is necessary to
set up all registers after a
RESET command.
Power-Down Mode
Loading 0 to the STBY bit in the ADC Communications Register
places the AD7709 in device power-down mode. The AD7709
retains the contents of all its on-chip registers (including the data
register) while in power-down mode.
The device power-down mode does not affect the digital interface,
but it does affect the status of the
RDY pin. Putting the AD7709
into power-down mode will reset the
RDY line high. Placing the
part in power-down mode reduces the total current to 26
mA
typical when the part is operated at 5 V with the oscillator running
during power-down mode. With the oscillator shut down, the total
IDD is 1.5
mA typical at 3 V and 6.5 mA typical at 5 V.
Grounding and Layout
Since the analog inputs and reference inputs on the ADC are
differential, most of the voltages in the analog modulator are
common-mode voltages. The excellent common-mode rejection
of the part will remove common-mode noise on these inputs.
The digital filter will provide rejection of broadband noise on
the power supply, except at integer multiples of the modulator
sampling frequency. The digital filter also removes noise from
the analog and reference inputs, provided these noise sources do
not saturate the analog modulator. As a result, the AD7709 is
more immune to noise interference than a conventional high
resolution converter. However, because the resolution of the
AD7709 is so high, and the noise levels from the AD7709 so
low, care must be taken with regard to grounding and layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com