Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7709
Description  16-Bit-ADC with Switchable Current Sources
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7709 Datasheet HTML 24Page - Analog Devices AD7709 Datasheet HTML 25Page - Analog Devices AD7709 Datasheet HTML 26Page - Analog Devices AD7709 Datasheet HTML 27Page - Analog Devices AD7709 Datasheet HTML 28Page - Analog Devices AD7709 Datasheet HTML 29Page - Analog Devices AD7709 Datasheet HTML 30Page - Analog Devices AD7709 Datasheet HTML 31Page - Analog Devices AD7709 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. A
AD7709
–28–
MICROCONTROLLER
VCC
GND
REF OUT2
REF IN
10 F
0.1 F
VDD
AIN1
AIN2
CS
DOUT
SCLK
DIN
GND
REFIN(+)
REFIN(–)
0.1 F
REF OUT1
CLOCK
LATCH
DATA
4.7 F
COM
C1
C2
C3
AD7709
AD421
BOOST VCC
LV
0.01 F
1k
1000pF
LOOP
POWER
10 F
3.3V
1.25V
DN25D
0.01 F
LOOP
RTN
COMP
DRIVE
VARIABLES
AIN3
AIN4
Figure 23. Smart Transmitter Employing the AD7709
Smart Transmitters
Smart transmitters are another key design-in area for the AD7709.
The
-
converter, single-supply operation, 3-wire interface
capabilities, and small package size are all of benefit in smart
transmitters. Here, the entire smart transmitter must operate
from the 4–20 mA loop. Tolerances in the loop mean that the
amount of current available to power the transmitter is as low as
3.5 mA. Figure 23 shows a block diagram of a smart transmitter
that includes the AD7709.
Not shown in Figure 23 is the isolated power source required to
power the front end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com