Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8544WARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8544WARZ-R7
Description  CMOS Rail-to-Rail General-Purpose ifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8544WARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8544WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8541/AD8542/AD8544
Rev. G | Page 11 of 20
2.5V
VS = 5V
RL = 2kΩ
AV = 1
TA = 25°C
1V
10µs
Figure 29. Large Signal Transient Response
80
60
40
20
0
45
90
135
180
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
RL = NO LOAD
TA = 25°C
Figure 30. Open-Loop Gain and Phase vs. Frequency
2.5V
VS = 5V
RL = 10kΩ
AV = 1
TA = 25°C
1V
20µs
VIN
VOUT
Figure 31. No Phase Reversal
SUPPLY VOLTAGE (V)
60
0
50
40
30
20
10
TA = 25°C
012
3
4
5
6
Figure 32. Supply Current per Amplifier vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com