Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8544WARZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8544WARZ-R7
Description  CMOS Rail-to-Rail General-Purpose ifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8544WARZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8544WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 16Page - Analog Devices AD8544WARZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8541/AD8542/AD8544
Rev. G | Page 13 of 20
THEORY OF OPERATION
NOTES ON THE AD854X AMPLIFIERS
The AD8541/AD8542/AD8544 amplifiers are improved
performance, general-purpose operational amplifiers.
Performance has been improved over previous amplifiers in
several ways, including lower supply current for 1 MHz gain
bandwidth, higher output current, and better performance at
lower voltages.
Lower Supply Current for 1 MHz Gain Bandwidth
The AD854x series typically uses 45 μA of current per amplifier,
which is much less than the 200 μA to 700 μA used in earlier
generation parts with similar performance. This makes the
AD854x series a good choice for upgrading portable designs
for longer battery life. Alternatively, additional functions and
performance can be added at the same current drain.
Higher Output Current
At 5 V single supply, the short-circuit current is typically 60 μA.
Even 1 V from the supply rail, the AD854x amplifiers can provide a
30 mA output current, sourcing, or sinking.
Sourcing and sinking are strong at lower voltages, with 15 mA
available at 2.7 V and 18 mA at 3.0 V. For even higher output
currents, see the AD8531/AD8532/AD8534 parts for output
currents to 250 mA. Information on these parts is available
from your Analog Devices, Inc. representative, and data sheets
are available at www.analog.com.
Better Performance at Lower Voltages
The AD854x family of parts was designed to provide better ac
performance at 3.0 V and 2.7 V than previously available parts.
Typical gain bandwidth product is close to 1 MHz at 2.7 V.
Voltage gain at 2.7 V and 3.0 V is typically 500,000. Phase
margin is typically over 60°C, making the part easy to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com