Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34-AL Datasheet(PDF) 2 Page - Formosa MS

Part # SL34-AL
Description  3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL34-AL Datasheet(HTML) 2 Page - Formosa MS

  SL34-AL Datasheet HTML 1Page - Formosa MS SL34-AL Datasheet HTML 2Page - Formosa MS SL34-AL Datasheet HTML 3Page - Formosa MS SL34-AL Datasheet HTML 4Page - Formosa MS SL34-AL Datasheet HTML 5Page - Formosa MS SL34-AL Datasheet HTML 6Page - Formosa MS SL34-AL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
01235
789 8
1
33
233

33

1



3
3

3333
31 123!31
3"13

13#
$


3!
13"!
31

1


3



"
%3113#
$3

23



3&#
'
2!311



&

1

123#
'
2!2311



&#
(!1
2
3

123
3

#
)

1
2*33


2#
+


3

1
1
11
"3
1


,
!

#
$31*
331
"333
"3
1
11
-.
$*+/0*123445
556
+!


7*'7

1
3'1
23*
331
3#
+$85*9$*'#
:
:
:
:
:
:
:
:
:
;
7= >=9@A
BCDFGHIJ
KLMICN
N
OPQRSSJ
TSUTMN
J
V
J
TS
09W9-X/XW
YZ[0.
/.
Z[+
\13



3!3
\1!23!3
W333!3
0
3,
!

11

13
+
123
3"31
!3
+33\
2#
5
6#
8"
2
31

3*13!3
"3
1
3
1]^X0XY"3
3_

`1-'%11

3ab0Y333

123
+&" -.
[# /c0# -9d# )[.
/
.
Z
.
\+-
.
W
Y
^
/
+/(
9
9
"9
ZY
\
8#
4
64
1#
4
e1f3
*g3
Z
b ` b
/ ` 53Y
W
WW-
^
844
+$85*9$
+$88*9$
+$8a*9$
54
84
a4
1a
51
56
54
84
a4
*33
e144
+c-Z$+
b
WW-
]b_
b
W-+
b
W
]b_
]b_
h1
h5
h8
h1W33



331 333

123
h5W-+

123
h8Y

!!333

123
ha-1
"!"
1

123i.`8#
49
\
b
\
]b_
ha
4#
a4
4#
a4
4#
86
Z
]Y_
Z31

2

3"31
!3
/
^


j
5
5
#

"1"#
"5
/X$j
66g*5*55g2ggg1
\9dj
66g*5*55g2g1a1
AklmnokpqrsAkltnok
@8uv9wx
u9yz99
:
:Y13j-31
:/3"1j+3133133
-.
$*+/0*f34-3
545g
:01&j.13&131
:-!20j9&
:{32j9"134#4321"
X&j
)$2a*b41
3

1"33
11
0Z*51a9Y5+-9*$
0!"3.
0
.
!301
3
W3
301
3 W3


0123#
|9u}9~8= y
x
w8
4#
542]3#
8_
4#
163]a#
f_
4#
415]4#
8_/&#
4#
11a]5#
2_
4#
421]5#
8_
4#
464]5#
4_
4#
4g8]1#
g_
4#
485]4#
6_/&#
4#
485]4#
6_/&#
0
"3


31]
"



"3
3
_
+-9*
$
0+*151g1
54465
455
14
54145
485
14
X
f
@9€x
> > 9x
w~9wzy
8u x
u9y‚v9 9u8 x
x
u]9//`53
9
Y !
3
3
3
3_
lƒ
„o
A …9u8@= w
Auv=}†‡9 x
8 r8ux
…x
8 nm„ˆnt„ˆ
k=‰ˆ7
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com