Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34-AL Datasheet(PDF) 3 Page - Formosa MS

Part # SL34-AL
Description  3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL34-AL Datasheet(HTML) 3 Page - Formosa MS

  SL34-AL Datasheet HTML 1Page - Formosa MS SL34-AL Datasheet HTML 2Page - Formosa MS SL34-AL Datasheet HTML 3Page - Formosa MS SL34-AL Datasheet HTML 4Page - Formosa MS SL34-AL Datasheet HTML 5Page - Formosa MS SL34-AL Datasheet HTML 6Page - Formosa MS SL34-AL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01235
789
8 889

9


7
!
"#
$%
&'
()0#
*+,"-./+.0*1..23(02.+(#
3$*1.42
"#
$%
8'
9+:#
9193-3'
.202(#
(#
42"-./+.0
;1.$2*1..23(
"#
$%
='
()0#
*+,>13*(#
-3*+0+*#
(+3*2
.242.;24-,(+$25
6
47
@%
A
B%
&
B%
C
&%
8
5%
@
B%
&
@
D@@
A@@
=@@
8@@
5@@
&@@
B@@
@
8@
&@
A@
B@@
C@
%
@B
%
@= %
B
%
=
B
=
B@
=@ B@@
,2+0(2902.+(1.26
E*7
319F2.-"*)*,2;+(A@GH
B
B@
=
=@
B@@
(I&=*
>
C%
5JK;L
M2N
3G1N
O
;L
M3/1P3
>202*J3Q
RST
@
@
&@
8@
A@
C@
B@@
B&@ B8@
BA@
BC@
&@@
RQ
Q
?U
V
V
WWW%
O
SXJSK1JK%
YSJV
(2,U
CCA'&'&&AZAAAB
"+:U
CCA'&'&&AZAB8B
0SY[J3MQ#
0
#
KK[3T01Q
3
.3PL
K3T01Q
3 .3PL
KL
SM
0123%
B
B@
B@@
B@@@
"#
$%
5'()0#
*+,.242.;2
*G+.+*(2.#
;(#
*;
02.*23(+$2.+(2002+<.242.;24-,(+$2
@
&@ 8@ A@ C@ B@@ B&@ B8@
%
B
(ID=*
>
(I&=*
>
0;'B&BAB\
&@@CV
@&V
B@
&@B@V
@5V
B@
2
D
@%
B
B%
@
%
@B
B@
=@
"#
$%
B'
()0#
*+,"-./+.0
*G+.+*(2.#
;(#
*;
"-./+.04-,(+$25
6
47
0[N
K3/L
TQ
R5@@[K
B] 0[Q
^*^YN
3
%
B %
5 %
= %
D %
Z B%
B B%
5 B%
=
5%
@
(I&=*
>
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com