Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043A1FS2 Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8043A1FS2
Description  12-Bit Serial Input Multiplying D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043A1FS2 Datasheet(HTML) 5 Page - Analog Devices

  DAC8043A1FS2 Datasheet HTML 1Page - Analog Devices DAC8043A1FS2 Datasheet HTML 2Page - Analog Devices DAC8043A1FS2 Datasheet HTML 3Page - Analog Devices DAC8043A1FS2 Datasheet HTML 4Page - Analog Devices DAC8043A1FS2 Datasheet HTML 5Page - Analog Devices DAC8043A1FS2 Datasheet HTML 6Page - Analog Devices DAC8043A1FS2 Datasheet HTML 7Page - Analog Devices DAC8043A1FS2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. B
DAC8043A
–5–
LOGIC INPUT VOLTAGE – Volts
0.1
0
0
0.2
0.5
TA = 25 C
VDD = 5V
12
3
4
5
0.5
1.5
2.5
3.5
4.5
0.3
0.4
Figure 5. Supply Current vs. Logic Input Voltage
TEMPERATURE – C
0.01
0.001
–55
0.1
10
VDD = 5V
VLOGIC = 0V OR VDD
–35
–15
5
25
45
1
65
85
105
125
Figure 6. Supply Current vs. Temperature
FREQUENCY – Hz
500
0
10k
1000
VDD = 5V
VREF = 10V
TA = 25 C
100k
1M
10M
100M
1k
1500
2000
3000
3500
2500
CODE = F55H
CODE = 800H
CODE = FFFH
Figure 7. Supply Current vs. Clock Frequency
FREQUENCY – Hz
20
10k
VDD = 5V 10%
100k
1M
10M
40
60
80
100
1k
Figure 8. Power Supply Rejection vs. Frequency
CODE – Decimal
–0.5
1024
2048
3072
4096
–0.4
0
–0.3
–0.2
–0.1
0
0.2
0.4
0.5
VDD = 5V
VREF = 10V
SUPERIMPOSED: TA = –40 C, +25 C, +85 C
512
1536
2560
3584
0.1
0.3
Figure 9. Linearity Error vs. Digital Code
OPAMP OFFSET VOS – V
–1000
0
1000
2000
–2000
2
0
4
VDD = 5V
VREF = 10V
TA = 25 C
–4
–2
Figure 10. Linearity Error vs. External Op Amp VOS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com