Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043A1FS2 Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8043A1FS2
Description  12-Bit Serial Input Multiplying D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043A1FS2 Datasheet(HTML) 8 Page - Analog Devices

  DAC8043A1FS2 Datasheet HTML 1Page - Analog Devices DAC8043A1FS2 Datasheet HTML 2Page - Analog Devices DAC8043A1FS2 Datasheet HTML 3Page - Analog Devices DAC8043A1FS2 Datasheet HTML 4Page - Analog Devices DAC8043A1FS2 Datasheet HTML 5Page - Analog Devices DAC8043A1FS2 Datasheet HTML 6Page - Analog Devices DAC8043A1FS2 Datasheet HTML 7Page - Analog Devices DAC8043A1FS2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. B
DAC8043A
–8–
reference, the DAC output will provide a proportional dc voltage
output according to the transfer equation:
VOUT = –D/4096
× VREF
where D is the decimal data loaded into the DAC register and
VREF is the externally applied reference voltage source.
VREF
IOUT
GND
OP77
2R
R
RFB
VAC
VDD
RFB
10VP
VOUT
2R
DIGITAL INPUTS OMITTED FOR CLARITY
10pF
Figure 19. Unipolar (2-Quadrant) Operation
BIPOLAR 4-QUADRANT MULTIPLYING
Figure 20 shows a suggested circuit to achieve 4-quadrant mul-
tiplying operation. The summing amplifier multiplies VOUT1 by
2, and offsets the output with the reference voltage so that a
midscale digital input code of 2048 places VOUT2 at zero volts.
The negative full-scale voltage will be VREF when the DAC is
loaded with all zeros. The positive full-scale output will be
–(VREF – 1 LSB) when the DAC is loaded with all ones. Thus
the digital coding is offset binary. The voltage output transfer
equation for various input data and reference (or signal) values
follows:
VOUT2 = (D/2048 – 1)
× –V
REF
where D is the decimal data loaded into the DAC register and
VREF is the externally applied reference voltage source.
Precision resistors will be necessary to avoid ratio errors. Other-
wise trimming will be required to achieve full accuracy specifica-
tions available from the DAC8043A device. See the various
Analog Devices Digital Potentiometer products for automated
trimming solutions (e.g., the AD5204 for low voltage applica-
tions or the AD7376 for high voltage applications).
(0V TO –VREF)
VREF
IOUT
GND
2R
R
RFB
VAC
VDD
RFB
10VP
VOUT1
2R
DIGITAL INPUTS OMITTED FOR CLARITY
OP213
10k
OP213
VOUT2
20k
20k
10pF
Figure 20. Bipolar (4-Quadrant) Operation
8-Lead Standard Small Outline Package [SOIC_N]
(R-8)
S-Suffix
Dimensions shown in millimeters and (inches).
8-Lead Plastic Dual In-Line Package [PDIP]
(N-8)
Dimensions shown in inches and (millimeters).
8-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-8)
Dimensions shown in millimeters.
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com