Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA Datasheet(PDF) 2 Page - Formosa MS

Part # SA
Description  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA Datasheet(HTML) 2 Page - Formosa MS

  SA Datasheet HTML 1Page - Formosa MS SA Datasheet HTML 2Page - Formosa MS SA Datasheet HTML 3Page - Formosa MS SA Datasheet HTML 4Page - Formosa MS SA Datasheet HTML 5Page - Formosa MS SA Datasheet HTML 6Page - Formosa MS SA Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Features
Axial lead type devices for through hole design.
500W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time from 0V to V , typically less than
BR
1 ps for uni-directional & 5 ns for bi-directional types.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
• Suffix "-H" indicates Halogen free parts, ex. SΑ5.0Α-H
•
•
•
•
•
•
•
Package outline
Page 2
Formosa MS
Maximum ratings (AT T =25
A
oC unless otherwise noted)
PARAMETER
CONDITIONS
Peak power dissipation
Peak pulse current
Steady state power dissipation
Peak forward surge current
Maximum instantaneours forward voltage
with a 10/1000us waveform, Note 1 & Fig. 1
with a 10/1000us waveform
Symbol
SA SERIES
UNIT
P
PPM
I
PPM
P
M(AV)
V
F
W
A
A
V
500
See table 1
3.0
at T =75°C lead length 0.375” (9.5 mm)
L
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method), note 2
70
I
FSM
Storage temperature
T
STG
OC
-65~+175
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
500W Axial Leaded Transient Voltage
Suppressors - 5.0V-220V
Transient Voltage Suppressor
W
O
Note1. Non-repetitive current pulse, per Fig. 3 and derated above T =25 C per Fig. 2
A
2. Measured on 8.3 mS single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
3. V =3.5V max. for devices of V
<200V, and V =5.0V max. for devices of V >201V
F
BR
F
BR
Operating temperature
T
J
OC
-55~+150
SA SERIES
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Mechanical data
•
• Case : Molded plastic, DO-15
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 0.40 gram
Epoxy : UL94-V0 rated flame retardant
at 25A for uni-directional types only, note 3
3.5/5.0
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222807
2008/02/10
2010/03/10
B
7
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com