Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA Datasheet(PDF) 3 Page - Formosa MS

Part # SA
Description  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA Datasheet(HTML) 3 Page - Formosa MS

  SA Datasheet HTML 1Page - Formosa MS SA Datasheet HTML 2Page - Formosa MS SA Datasheet HTML 3Page - Formosa MS SA Datasheet HTML 4Page - Formosa MS SA Datasheet HTML 5Page - Formosa MS SA Datasheet HTML 6Page - Formosa MS SA Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
O
Absolute Maximum Rating(T = 25 C)
A
mA
I
T
Volts
Max. V
C@ I PPM
Volts
I
(A)
PPM
9.83
7.98
10.4
11.1
8.60
9.21
13.5
14.7
15.9
17.2
18.5
19.7
20.9
22.1
24.5
26.9
29.5
31.9
34.4
36.8
40.6
44.2
49.1
52.8
55.3
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
44.7
41.7
38.8
36.7
34.7
32.5
29.4
27.4
25.1
23.2
21.5
20.6
19.2
18.1
17.2
15.4
14.4
12.8
11.9
11.0
10.3
9.4
8.6
7.8
7.2
6.9
Part No.
SA6.5(C)A
SA7.0(C)A
7.00
10
9.2
54.3
SA5.0(C)A
7.37
10
10.3
48.5
SA6.0(C)A
o
Electrical characteristics (at T =25 C unless otherwise noted)
Table 1
A
Volts
Volts
V
BR Max
V
BR Min
V
RWM
I
FSM
8.89
7.22
9.44
10.0
7.78
8.33
12.2
13.3
14.4
15.6
16.7
17.8
18.9
20.0
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40.0
44.4
47.8
50.0
6.40
6.67
8.0
6.5
8.5
9.0
7.0
10.0
7.5
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
33.0
36.0
40.0
43.0
45.0
5.0
6.0
(A)@8.3ms
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
SA8.5(C)A
SA9.0(C)A
SA7.5(C)A
SA8.0(C)A
SA11(C)A
SA12(C)A
SA10(C)A
SA15(C)A
SA16(C)A
SA13(C)A
SA14(C)A
SA20(C)A
SA22(C)A
SA17(C)A
SA18(C)A
SA28(C)A
SA30(C)A
SA24(C)A
SA26(C)A
SA40(C)A
SA43(C)A
SA33(C)A
SA36(C)A
SA45(C)A
O
Electricity Characteristics(T = 25 C)
A
600
600
400
150
50
25
10
5
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
58.9
62.7
66.3
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
6.5
6.1
5.7
5.3
5.2
4.9
4.4
4.1
4.0
71.2
73.7
78.6
92.1
95.8
86.0
53.3
56.7
60.0
64.4
66.7
71.1
83.3
86.7
77.8
48.0
51.0
54.0
58.0
60.0
64.0
75.0
78.0
70.0
70
70
70
70
70
70
70
70
70
SA51(C)A
SA54(C)A
SA48(C)A
SA64(C)A
SA70(C)A
SA58(C)A
SA60(C)A
SA75(C)A
SA78(C)A
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Note 1. V
measured after I applied for 300us, I =square wave pulse or equivalent
BR
T
T
2. Surge current waveform per Fig. 3 and derated per Fig. 2
3. For bi-directional types having V
of 10 volts and less, the I limit is doubled
RWM
R
4. Suffix ‘C’ denotes bi-directional devices. Suffix ‘A’ denotes 5% tolerance devices, no suffix denotes 10% tolerance devices.
5. All terms and symbols are consistent with ANS/IEEE C62.35
3
3
3
3
3
3
3
3
3
3
3
3
3
1.0
1.0
1.0
1.0
1.0
137.0
146
162
177
193
3.6
3.4
3.1
2.8
2.0
104.0
111.0
135.0
147.0
123.0
94.4
100.0
122.0
133.0
111.0
85.0
90.0
110.0
120.0
100.0
70
70
70
70
70
SA90(C)A
SA100(C)A
SA85(C)A
SA110(C)A
SA120(C)A
3
3
3
3
3
12.3
11.1
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222807
2008/02/10
2010/03/10
B
7
Max. I @V
R
RWM
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com