Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT04FY Datasheet(PDF) 7 Page - Analog Devices

Part # MAT04FY
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT04FY Datasheet(HTML) 7 Page - Analog Devices

Back Button MAT04FY Datasheet HTML 3Page - Analog Devices MAT04FY Datasheet HTML 4Page - Analog Devices MAT04FY Datasheet HTML 5Page - Analog Devices MAT04FY Datasheet HTML 6Page - Analog Devices MAT04FY Datasheet HTML 7Page - Analog Devices MAT04FY Datasheet HTML 8Page - Analog Devices MAT04FY Datasheet HTML 9Page - Analog Devices MAT04FY Datasheet HTML 10Page - Analog Devices MAT04FY Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MAT04
–7–
REV. D
Figure 4. Temperature Independent Current Sink, IOUT = 10 V/R
Ω
NONLINEAR FUNCTIONS
An application where precision matched-transistors are a power-
ful tool is in the generation of nonlinear functions. These circuits
are based on the transistor’s logarithmic property, which takes
the following idealized form:
V
kT
q
In
l
l
BE
C
S
=
The MAT04, with its excellent logarithmic conformance, main-
tains this idealized function over many decades of collector
current. This, in addition to the stringent parametric matching
of the MAT04, enables the implementation of extremely accu-
rate log/antilog circuits.
The circuit of Figure 5 is a vector summer that adds and sub-
tracts logged inputs to generate the following transfer function:
VV
V
OUT
A
B
=+
1
2
22
This circuit uses two MAT04 and maintains an accuracy of
better than 0.5% over an input range of 10 mV to 10 V. The
layout of the MAT04s reduces errors due to matching and
temperature differences between the two precision quad matched
transistors.
Op amps A1 and A2 translate the input voltages into logarithmic
valued currents (IA and IB in Figure 5) that flow through tran-
sistor Q3 and Q5. These currents are summed by transistor Q4
(
IO = IA + IB = ll
1
2
2
2
+
),
which feeds the current-to-voltage converter consisting of op amp
A3. To maintain accuracy, 1% metal-film resistors should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com