Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT04FY Datasheet(PDF) 1 Page - Analog Devices

Part # MAT04FY
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT04FY Datasheet(HTML) 1 Page - Analog Devices

  MAT04FY Datasheet HTML 1Page - Analog Devices MAT04FY Datasheet HTML 2Page - Analog Devices MAT04FY Datasheet HTML 3Page - Analog Devices MAT04FY Datasheet HTML 4Page - Analog Devices MAT04FY Datasheet HTML 5Page - Analog Devices MAT04FY Datasheet HTML 6Page - Analog Devices MAT04FY Datasheet HTML 7Page - Analog Devices MAT04FY Datasheet HTML 8Page - Analog Devices MAT04FY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
MAT04
Matched Monolithic
Quad Transistor
PIN CONNECTIONS
14-Lead Cerdip (Y Suffix)
14-Lead Plastic DIP (P Suffix)
14-Lead SO (S Suffix)
FEATURES
Low Offset Voltage: 200
V max
High Current Gain: 400 min
Excellent Current Gain Match: 2% max
Low Noise Voltage at 100 Hz, 1 mA: 2.5 nV/
√Hz max
Excellent Log Conformance: rBE = 0.6
max
Matching Guaranteed for All Transistors
Available in Die Form
PRODUCT DESCRIPTION
The MAT04 is a quad monolithic NPN transistor that offers ex-
cellent parametric matching for precision amplifier and nonlin-
ear circuit applications. Performance characteristics of the
MAT04 include high gain (400 minimum) over a wide range of
collector current, low noise (2.5 nV/
√Hz maximum at 100 Hz,
IC = 1 mA) and excellent logarithmic conformance. The
MAT04 also features a low offset voltage of 200
µV and tight
current gain matching, to within 2%. Each transistor of the
MAT04 is individually tested to data sheet specifications. For
matching parameters (offset voltage, input offset current, and
gain match), each of the dual transistor combinations are
verified to meet stated limits. Device performance is guaranteed
at 25
°C and over the industrial and military temperature ranges.
The long-term stability of matching parameters is guaranteed by
the protection diodes across the base-emitter junction of each
transistor. These diodes prevent degradation of beta and match-
ing characteristics due to reverse bias base-emitter current.
The superior logarithmic conformance and accurate matching
characteristics of the MAT04 makes it an excellent choice for
use in log and antilog circuits. The MAT04 is an ideal choice in
applications where low noise and high gain are required.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - MAT04FY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT04FY AD-MAT04FY Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
More results

Similar Description - MAT04FY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT14 AD-MAT14 Datasheet
190Kb / 12P
Matched Monolithic Quad Transistor
REV. A
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com